Electronic Components Datasheet Search
  English  ▼

X  

ECM140 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECM140
Description  High Efficiency Resonant Topology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140 Datasheet(HTML) 2 Page - XP Power Limited

  ECM140 Datasheet HTML 1Page - XP Power Limited ECM140 Datasheet HTML 2Page - XP Power Limited ECM140 Datasheet HTML 3Page - XP Power Limited ECM140 Datasheet HTML 4Page - XP Power Limited ECM140 Datasheet HTML 5Page - XP Power Limited ECM140 Datasheet HTML 6Page - XP Power Limited ECM140 Datasheet HTML 7Page - XP Power Limited ECM140 Datasheet HTML 8Page - XP Power Limited ECM140 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
xppower.com
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
264
VAC
Derate output power < 90 VAC. See fig. 1. Power
OK signal cannot be used <90 VAC.
Input Frequency
47
50/60
400
Hz
Agency approval 47-63 Hz
Power Factor
>0.5
230 VAC, 100% load
EN61000-3-2 class A compliant
Input Current - No Load
0.25/0.2
A
115/230 VAC
Input Current - Full Load
2.5/1.3
A
115/230 VAC
Inrush Current
40
A
230 VAC cold start, 25 şC
Earth Leakage Current
100/215
265
μA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
0.5/1.1
mA
115/230 VAC/400 Hz
Input Protection
T5.0A/250 V internal fuse in both line and neutral
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
(V1) , ±5 (V2) & ±3 (V3)
%
50% load, 115/230 VAC
Output Voltage Adjustment
±5
%
V1 only via potentiometer. See mech. details (P13).
Minimum Load
0
(V1 & V3) & 0.1 (V2)
A
V2 min load for regulation only when used
Start Up Delay
1.5
s
230 VAC full load (see fig.2)
Hold Up Time
16
20
ms
115 VAC full load (see fig.3 & 4)
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1
(V1) , ±5 (V2 &V3)
%
0-100% load. V2 0.1-0.5 A load
Transient Response - V1
4
%
Recovery within 1% in less than 500 μs
for a 50-75% and 75-50% load step
Over/Undershoot - V1
5
%
See fig.5
Ripple & Noise
1
(V1) & 2 (V2 &V3)
% pk-pk
20 MHz bandwidth (see fig.6 & 7)
Overvoltage Protection
115
140
%
Vnom DC. Output 1 only, recycle input to reset
Overload Protection
110
150
% I nom
Output 1 only, auto reset (see fig.8)
Short Circuit Protection
Continuous, trip & restart (hiccup mode) all outputs
Temperature Coefficient
0.05
%/˚C
Overtemperature Protection
°C
Not fitted
Models and Ratings - Convection-cooled
Output Power
(1)
Output Voltage V1
Max
Output Current V1
Fan Output
V2
Standby Supply
V3 (optional)
Model Number
(2,3)
120 W
12.0 VDC
10.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US12
120 W
15.0 VDC
8.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US15
120 W
18.0 VDC
6.6 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US18
120 W
24.0 VDC
5.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US24
120 W
28.0 VDC
4.2 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US28
120 W
48.0 VDC
2.5 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US48
Notes:
1. Convection-cooled, max output power must not exceed 120 W for combined
V1, V2, & V3
2. For V3 5 V standby, Power OK & Inhibit, add suffix ‘-A’ to model number.
3. For covered versions, add suffix ‘-C’ to model number or order part no.
ECM140 COVER KIT for standalone cover. Not suitable for use in
class II installations.
Models and Ratings - Forced-cooled
Output Power
(1)
Output Voltage V1
Max
Output Current V1
Fan Output
V2
Standby Supply
V3 (optional)
Model Number
(2)
148 W
12.0 VDC
11.7 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US12
148 W
15.0 VDC
9.3 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US15
148 W
18.0 VDC
7.7 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US18
148 W
24.0 VDC
5.8 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US24
148 W
28.0 VDC
5.0 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US28
148 W
48.0 VDC
2.9 A
12.0 V/0.5 A
5.0 V/0.5 A
ECM140US48
1. 10 CFM airflow.
2. For V3 5 V standby, Power OK & Inhibit, add suffix ‘-A’ to model number.
3. For cover with Top Fan assembly add ‘-TF’ to model numer,
e.g. ECM140US12-TF or ECM140US12-ATF.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com