Electronic Components Datasheet Search
  English  ▼

X  

ECM40UD21 Datasheet(PDF) 6 Page - XP Power Limited

Part # ECM40UD21
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40UD21 Datasheet(HTML) 6 Page - XP Power Limited

Back Button ECM40UD21 Datasheet HTML 2Page - XP Power Limited ECM40UD21 Datasheet HTML 3Page - XP Power Limited ECM40UD21 Datasheet HTML 4Page - XP Power Limited ECM40UD21 Datasheet HTML 5Page - XP Power Limited ECM40UD21 Datasheet HTML 6Page - XP Power Limited ECM40UD21 Datasheet HTML 7Page - XP Power Limited ECM40UD21 Datasheet HTML 8Page - XP Power Limited ECM40UD21 Datasheet HTML 9Page - XP Power Limited ECM40UD21 Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
xppower.com
6
Efficiency Versus Input Voltage
ECM60US24 with 60 W load
ECM60UT33 with 50 W load
Efficiency Versus Output Load
ECM60US24 at 230 VAC input
ECM60UT33 at 230 VAC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com