Electronic Components Datasheet Search
  English  ▼

X  

ECM40UD21 Datasheet(PDF) 10 Page - XP Power Limited

Part # ECM40UD21
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40UD21 Datasheet(HTML) 10 Page - XP Power Limited

Back Button ECM40UD21 Datasheet HTML 6Page - XP Power Limited ECM40UD21 Datasheet HTML 7Page - XP Power Limited ECM40UD21 Datasheet HTML 8Page - XP Power Limited ECM40UD21 Datasheet HTML 9Page - XP Power Limited ECM40UD21 Datasheet HTML 10Page - XP Power Limited ECM40UD21 Datasheet HTML 11Page - XP Power Limited ECM40UD21 Datasheet HTML 12Page - XP Power Limited ECM40UD21 Datasheet HTML 13Page - XP Power Limited ECM40UD21 Datasheet HTML 14Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
xppower.com
10
Mechanical Details - Single Output Models
Thermal Considerations
4X ø0.156 (3.96) mounting holes
ø0.312 (7.92) clearance top and bottom
SMD component height
V Adj.
1.20
(30.5)
0.14 (3.5)
4.00 (101.6)
2.00
(50.8)
1.75
(44.45)
3.75 (95.25)
6
1
2
1
J2
J1
T1
C4
L1
CR2
0.25 x 0.32 faston ground tab
Weight: approx. 0.33 lb (150g)
Output Connector J2
Pin
Single
1
+V1
2
+V1
3
RTN
4
RTN
5
N.C.
6
N.C.
Component
Maximum Temperature
L1
110 °C
T1
110 °C
CR2
120 °C
C4
95 °C
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cable harnesses with 300mm wire available.
For single output models, order part number ECM40/60S LOOM.
For multi-output models, order part number ECM40/60DT LOOM .
3. Mating connector kit available. Order part number ECM40/60 CONKIT.
4. Covers available. Order part number ECM40/60 COVER. Cover dimensions are 4.49 x 2.52 x 1.52 (114 x 64 x 38.5)
5. † All accessories available from Farnell InOne.
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with Molex housing 43061-0003
and Molex series 5194 crimp terminals.
Ground (0.25 faston) tab standard.
To ensure correct and reliable operation of the PSU, the temperature of the components listed in the table below must not be exceeded. See
mechanical details for component locations.
J2 mates with Molex housing 43061-0006
& Molex series 5194 crimp terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com