Electronic Components Datasheet Search
  English  ▼

X  

ADL5205 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5205
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5205 Datasheet HTML 12Page - Analog Devices ADL5205 Datasheet HTML 13Page - Analog Devices ADL5205 Datasheet HTML 14Page - Analog Devices ADL5205 Datasheet HTML 15Page - Analog Devices ADL5205 Datasheet HTML 16Page - Analog Devices ADL5205 Datasheet HTML 17Page - Analog Devices ADL5205 Datasheet HTML 18Page - Analog Devices ADL5205 Datasheet HTML 19Page - Analog Devices ADL5205 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Data Sheet
ADL5205
Rev. 0 | Page 15 of 31
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
6.25GS/s
160ps/pt
A CH2
1.57V
3
2
T
Figure 42. Enable Time Domain Response at VPOS = 3.3 V
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
40.0ns/div
25.0GS/s
40.0ps/pt
A CH2
1.53V
3
2
T
Figure 43. Fast Attack Step Time Domain Response at VPOS = 5 V
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
25.0GS/s
40.0ps/pt
A CH2
1.53V
3
2
T
Figure 44. Fast Attack Step Time Domain Response at VPOS = 3.3 V
70
0
10
30
50
20
40
60
10
100
1k
FREQUENCY (MHz)
CMRR 5V
CMRR 3.3V
Figure 45. CMRR vs. Frequency at Maximum Gain
250
200
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
150
VCMA OR VCMB (V)
100
50
0
3.3V
5V
SETTLING TO WITHIN 1 dB,
FOR GAIN STEP FROM −9dB TO 26dB
Figure 46. Maximum Gain Transition Settling Time vs. Output Common-
Mode Voltage (VCMA or VCMB)
800
850
900
950
1000
10
100
1000
FREQUENCY (MHz)
3.3V, PM = 0
3.3V, PM = 1
5V, PM = 0
5V, PM = 1
Figure 47. Group Delay at Maximum Gain vs. Frequency over VPOS and Power
Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com