Electronic Components Datasheet Search
  English  ▼

X  

ADL5205 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5205
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5205 Datasheet HTML 23Page - Analog Devices ADL5205 Datasheet HTML 24Page - Analog Devices ADL5205 Datasheet HTML 25Page - Analog Devices ADL5205 Datasheet HTML 26Page - Analog Devices ADL5205 Datasheet HTML 27Page - Analog Devices ADL5205 Datasheet HTML 28Page - Analog Devices ADL5205 Datasheet HTML 29Page - Analog Devices ADL5205 Datasheet HTML 30Page - Analog Devices ADL5205 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADL5205
Data Sheet
Rev. 0 | Page 26 of 31
A
B
C
D
G
F
E
Figure 65. Main Screen of the ADL5205 Control Software
Table 16. Features on the Control Software Main Screen
Feature
Description
A
SDP and evaluation board connection status
B
Gain setting displays
C
Gain control for Channel A and Channel B
D
Gain setting readback
E
Power mode (high performance (HP) or low power (LP))
F
Channel A Fast attack step size
G
Channel B fast attack step size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com