Electronic Components Datasheet Search
  English  ▼

X  

30WQ03FN Datasheet(PDF) 4 Page - International Rectifier

Part # 30WQ03FN
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ03FN Datasheet(HTML) 4 Page - International Rectifier

  30WQ03FN Datasheet HTML 1Page - International Rectifier 30WQ03FN Datasheet HTML 2Page - International Rectifier 30WQ03FN Datasheet HTML 3Page - International Rectifier 30WQ03FN Datasheet HTML 4Page - International Rectifier 30WQ03FN Datasheet HTML 5Page - International Rectifier 30WQ03FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30WQ03FN
PD-20559 rev. B 10/98
4
www.irf.com
Fig.5-Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig.6-Forward Power Loss Characteristics
Fig.7-Maximum Non-Repetitive Surge Current
(2) Formula used: T
C
= T
J
- (Pd + Pd
REV
) x R
thJC
;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 6);
Pd
REV
= Inverse Power Loss = V
R1
x I
R
(1 - D); I
R
@ V
R1
= 80% rated V
R
10
100
1000
10
100
1000
10000
p
Square Wave Pulse Duration - t
(microsec)
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
120
125
130
135
140
145
150
00. 5 11.5 22.5 33. 5 4 4.5 5 5.5
DC
F(AV)
see note (2)
Square wave (D = 0.50)
80% Rated V
applied
R
Average Forward Current - I
(A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
01
23
45
DC
F(AV)
RMS Limit
Average Forward Current - I
(A)
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com