Electronic Components Datasheet Search
  English  ▼

X  

30WQ03FN Datasheet(PDF) 1 Page - International Rectifier

Part # 30WQ03FN
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ03FN Datasheet(HTML) 1 Page - International Rectifier

  30WQ03FN Datasheet HTML 1Page - International Rectifier 30WQ03FN Datasheet HTML 2Page - International Rectifier 30WQ03FN Datasheet HTML 3Page - International Rectifier 30WQ03FN Datasheet HTML 4Page - International Rectifier 30WQ03FN Datasheet HTML 5Page - International Rectifier 30WQ03FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
3.5 Amp
30WQ03FN
PD-20559 rev. B 10/98
1
www.irf.com
Major Ratings and Characteristics
I
F(AV)
Rectangular
3.5
A
waveform
V
RRM
30
V
I
FSM
@ tp = 5 µs sine
535
A
V
F
@3 Apk, T
J
= 125°C
0.35
V
T
J
range
- 40 to 150
°C
Characteristics
30WQ03FN Units
Description/Features
The 30WQ03FN surface mount Schottky rectifier has been
designed for applications requiring low forward drop and small
foot prints on PC board. Typical applications are in disk drives,
switching power supplies, converters, free-wheeling diodes,
battery charging, and reverse battery protection.
Popular D-PAK outline
Small foot print, surface moutable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1.02 (0.04)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
12
3
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 (0.02)
0.64 (0.03)
5.97 (0.24)
10.67 (0.42)
6.48 (0.26)
2x 2.54 (0.10)
1.65 (0.06)
2X
2.28 (0.09)
2X
MINIMUM RECOMMENDED FOOTPRINT
Dimensions in millimeters and (inches)
Conform to JEDEC outline D-Pak (Similar to TO-252AA)
D-Pak (TO-252AA)
1
3
2
Anode
Anode
BASE
Cathode


Similar Part No. - 30WQ03FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ03FN VISHAY-30WQ03FN Datasheet
105Kb / 6P
Schottky Rectifier, 3.5 A
18-Apr-08
logo
Sangdest Microelectroni...
30WQ03FN SMC-30WQ03FN Datasheet
144Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
30WQ03FN SMCDIODE-30WQ03FN Datasheet
311Kb / 4P
30WQ03FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
30WQ03FN ISC-30WQ03FN Datasheet
279Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
Schottky Rectifier, 3.5 A
03-Nov-10
More results

Similar Description - 30WQ03FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com