Electronic Components Datasheet Search
  English  ▼

X  

FDC37C67X Datasheet(PDF) 33 Page - SMSC Corporation

Part # FDC37C67X
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C67X Datasheet(HTML) 33 Page - SMSC Corporation

Back Button FDC37C67X Datasheet HTML 29Page - SMSC Corporation FDC37C67X Datasheet HTML 30Page - SMSC Corporation FDC37C67X Datasheet HTML 31Page - SMSC Corporation FDC37C67X Datasheet HTML 32Page - SMSC Corporation FDC37C67X Datasheet HTML 33Page - SMSC Corporation FDC37C67X Datasheet HTML 34Page - SMSC Corporation FDC37C67X Datasheet HTML 35Page - SMSC Corporation FDC37C67X Datasheet HTML 36Page - SMSC Corporation FDC37C67X Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 194 page
background image
33
Table 18- Status Register 3
BIT NO.
SYMBOL
NAME
DESCRIPTION
7
Unused. This bit is always "0".
6
WP
Write
Protected
Indicates the status of the WP pin.
5
Unused. This bit is always "1".
4
T0
Track 0
Indicates the status of the TRK0 pin.
3
Unused. This bit is always "1".
2
HD
Head
Address
Indicates the status of the HDSEL pin.
1,0
DS1,0
Drive Select
Indicates the status of the DS1, DS0 pins.
RESET
There are three sources of system reset on the
FDC: the RESET pin of the FDC, a reset
generated via a bit in the DOR, and a reset
generated via a bit in the DSR. At power on, a
Power On Reset initializes the FDC. All resets
take the FDC out of the power down state.
All operations are terminated upon a RESET,
and the FDC enters an idle state. A reset while
a disk write is in progress will corrupt the data
and CRC.
On exiting the reset state, various internal
registers are cleared, including the Configure
command information, and the FDC waits for a
new command.
Drive polling will start unless
disabled by a new Configure command.
RESET Pin (Hardware Reset)
The RESET pin is a global reset and clears all
registers except those programmed by the
Specify command.
The DOR reset bit is
enabled and must be cleared by the host to exit
the reset state.
DOR Reset vs. DSR Reset (Software Reset)
These two resets are functionally the same.
Both will reset the FDC core, which affects drive
status information and the FIFO circuits. The
DSR reset clears itself automatically while the
DOR reset requires the host to manually clear it.
DOR reset has precedence over the DSR reset.
The DOR reset is set automatically upon a pin
reset. The user must manually clear this reset
bit in the DOR to exit the reset state.
MODES OF OPERATION
The FDC has three modes of operation, PC/AT
mode, PS/2 mode and Model 30 mode. These
are determined by the state of the IDENT and
MFM bits 6 and 5 respectively of CRxx.
PC/AT mode - (IDENT high, MFM a "don't
care")
The PC/AT register set is enabled, the DMA
enable bit of the DOR becomes valid (FINTR
and DRQ can be hi Z), and TC and DENSEL
become active high signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com