Electronic Components Datasheet Search
  English  ▼

X  

FDC37C67X Datasheet(PDF) 92 Page - SMSC Corporation

Part # FDC37C67X
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C67X Datasheet(HTML) 92 Page - SMSC Corporation

Back Button FDC37C67X Datasheet HTML 88Page - SMSC Corporation FDC37C67X Datasheet HTML 89Page - SMSC Corporation FDC37C67X Datasheet HTML 90Page - SMSC Corporation FDC37C67X Datasheet HTML 91Page - SMSC Corporation FDC37C67X Datasheet HTML 92Page - SMSC Corporation FDC37C67X Datasheet HTML 93Page - SMSC Corporation FDC37C67X Datasheet HTML 94Page - SMSC Corporation FDC37C67X Datasheet HTML 95Page - SMSC Corporation FDC37C67X Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 194 page
background image
92
Table 38 - EPP Pin Descriptions
EPP
SIGNAL
EPP NAME
TYPE
EPP DESCRIPTION
nWRITE
nWrite
O
This signal is active low. It denotes a write operation.
PD<0:7>
Address/Data
I/O
Bi-directional EPP byte wide address and data bus.
INTR
Interrupt
I
This signal is active high and positive edge triggered. (Pass
through with no inversion, Same as SPP.)
WAIT
nWait
I
This signal is active low.
It is driven inactive as a positive
acknowledgement from the device that the transfer of data
is completed.
It is driven active as an indication that the
device is ready for the next transfer.
DATASTB
nData Strobe
O
This signal is active low.
It is used to denote data read or
write operation.
RESET
nReset
O
This signal is active low.
When driven active, the EPP
device is reset to its initial operational mode.
ADDRSTB
nAddress
Strobe
O
This signal is active low.
It is used to denote address read
or write operation.
PE
Paper End
I
Same as SPP mode.
SLCT
Printer
Selected
Status
I
Same as SPP mode.
nERR
Error
I
Same as SPP mode.
PDIR
Parallel Port
Direction
O
This output shows the direction of the data transfer on the
parallel port bus. A low means an output/write condition and
a high means an input/read condition.
This signal is
normally a low (output/write) unless PCD of the control
register is set or if an EPP read cycle is in progress.
Note 1: SPP and EPP can use 1 common register.
Note 2: nWrite is the only EPP output that can be over-ridden by SPP control port during an EPP
cycle. For correct EPP read cycles, PCD is required to be a low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com