Electronic Components Datasheet Search
  English  ▼

X  

MMBT5088L Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT5088L
Description  Low Noise Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5088L Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT5088L Datasheet HTML 1Page - ON Semiconductor MMBT5088L Datasheet HTML 2Page - ON Semiconductor MMBT5088L Datasheet HTML 3Page - ON Semiconductor MMBT5088L Datasheet HTML 4Page - ON Semiconductor MMBT5088L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 6
1
Publication Order Number:
MMBT5088LT1/D
MMBT5088L, MMBT5089L
Low Noise Transistors
NPN Silicon
Features
• S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
MMBT5088L
MMBT5089L
VCEO
30
25
Vdc
Collector − Base Voltage
MMBT5088L
MMBT5089L
VCBO
35
30
Vdc
Emitter − Base Voltage
VEBO
4.5
Vdc
Collector Current − Continuous
IC
50
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
SOT−23 (TO−236)
CASE 318
STYLE 6
COLLECTOR
3
1
BASE
2
EMITTER
Device
Package
Shipping†
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBT5088LT1G,
SMMBT5088LT1G
SOT−23
(Pb−Free)
3,000 / Tape &
Reel
MMBT5089LT1G,
SMMBT5089LT1G
SOT−23
(Pb−Free)
3,000 / Tape &
Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
1x M
G
G
1x
= Device Code
x = Q for MMBT5088L
SMMBT5088L
x = R for MMBT5089L
SMMBT5089L
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
NSVMMBT5088LT3G
SOT−23
(Pb−Free)
10,000 / Tape &
Reel
www.onsemi.com


Similar Part No. - MMBT5088L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5088LT1 MOTOROLA-MMBT5088LT1 Datasheet
298Kb / 6P
Low Noise Transistors
logo
ON Semiconductor
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
Low Noise Transistors
March, 2001 ??Rev. 1
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
More results

Similar Description - MMBT5088L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
Low Noise Transistors
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
Low Noise Transistors
MMBT5088LT1 MOTOROLA-MMBT5088LT1 Datasheet
298Kb / 6P
Low Noise Transistors
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
LOW NOISE TRANSISTORS
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
LOW NOISE TRANSISTORS
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
Low Noise Transistors
June, 2009 ??Rev. 3
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
Low Noise Transistors
July, 2012 ??Rev. 4
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
Low Noise Transistors
August, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com