Electronic Components Datasheet Search
  English  ▼

X  

MMBT5088L Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT5088L
Description  Low Noise Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5088L Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT5088L Datasheet HTML 1Page - ON Semiconductor MMBT5088L Datasheet HTML 2Page - ON Semiconductor MMBT5088L Datasheet HTML 3Page - ON Semiconductor MMBT5088L Datasheet HTML 4Page - ON Semiconductor MMBT5088L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT5088L, MMBT5089L
www.onsemi.com
4
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.4
1.0
2.0
3.0
4.0
0.3
0.01
0.05
2.0
3.0
10
0.02
0.03
0.2
1.0
0.1
5.0
VCE = 5.0 V
TA = 125°C
25
°C
-55
°C
0.7
0.5
0.5
0.2
0.3
0.01 0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10
20
50
100
Figure 9. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.8
-1.2
-1.6
-2.4
TJ = 25°C to 125°C
-55
°C to 25°C
-0.4
-2.0
1.0
2.0
5.0
3.0
7.0
10
20
30
50 70 100
500
300
200
70
50
100
VCE = 5.0 V
TJ = 25°C
Figure 10. Current−Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.01
0
TJ = 25°C
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10 20
50
100
8.0
0.8
1.0
2.0
3.0
4.0
6.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
Ccb
Cob
Ceb
Cib
Figure 12. Capacitance
VR, REVERSE VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com