Electronic Components Datasheet Search
  English  ▼

X  

LM4838ITL Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4838ITL
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838ITL Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4838ITL Datasheet HTML 24Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 25Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 26Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 27Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 28Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 29Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 30Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 31Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LM4838 MT & MTE Demo Board Artwork (Continued)
20013384
Bottom Layer TSSOP
Analog Audio LM4838 TSSOP Eval Board
Assembly Part Number: 980011373-100
Revision: A
Bill of Material
Item
Part Number
Part Description
Qty
Ref Designator
Remark
1
551011373-001
LM4838 Eval Board PCB
etch 001
1
10
482911373-001
LM4838 TSSOP
1
20
151911368-001
Cer Cap 0.068µF 50V
10% 1206
2
CBS
25
152911368-001
Tant Cap 0.1µF 10V 10%
Size = A 3216
3
CS, CS, CV
26
152911368-002
Tant Cap 0.33µF 10V
10% Size = A 3216
3
CIN
27
152911368-003
Tant Cap 1µF 16V 10%
Size = A 3216
3
CB, CO1, CO2
28
152911368-004
Tant Cap 10µF 10V 10%
Size = C 6032
1
CS1
29
152911368-005
Tant Cap 220µF 16V 10%
Size = D 7343
2
CoutL, R
30
472911368-001
Res 1.5K Ohm 1/8W 1%
1206
2RL
31
472911368-002
Res 20K Ohm 1/8W 1%
1206
10
RIN(4), RF(2),
RDOCK(2),
RBS(2)
32
472911368-003
Res 100K Ohm 1/8W 1%
1206
2
RPU, RS
33
472911368-004
Res 200K Ohm 1/16W
1% 0603
2
RBEEP
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com