Electronic Components Datasheet Search
  English  ▼

X  

LM4838ITL Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4838ITL
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838ITL Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM4838ITL Datasheet HTML 25Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 26Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 27Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 28Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 29Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 30Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 31Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 32Page - National Semiconductor (TI) LM4838ITL Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Analog Audio LM4838 TSSOP Eval Board
Assembly Part Number: 980011373-100
Revision: A
Bill of Material (Continued)
Item
Part Number
Part Description
Qty
Ref Designator
Remark
40
131911368-001
Stereo Headphone Jack
W/ Switch
1
Mouser #
161-3500
41
131911368-002
Slide Switch
4
mute, mode, Gain,
SD
Mouser #
10SP003
42
131911368-003
Potentiometer
1
Volume Control
Mouser #
317-2090-100K
43
131911368-004
RCA Jack
3
Right-In, Beep-In,
Left-In
Mouser #
16PJ097
44
131911368-005
Banana Jack, Black
3
Mouser #
ME164-6219
45
131911368-006
Banana Jack, Red
3
Mouser #
ME164-6218
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com