Electronic Components Datasheet Search
  English  ▼

X  

50RIA Datasheet(PDF) 7 Page - International Rectifier

Part # 50RIA
Description  MEDIUM POWER THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50RIA Datasheet(HTML) 7 Page - International Rectifier

  50RIA Datasheet HTML 1Page - International Rectifier 50RIA Datasheet HTML 2Page - International Rectifier 50RIA Datasheet HTML 3Page - International Rectifier 50RIA Datasheet HTML 4Page - International Rectifier 50RIA Datasheet HTML 5Page - International Rectifier 50RIA Datasheet HTML 6Page - International Rectifier 50RIA Datasheet HTML 7Page - International Rectifier 50RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
50RIA Series
7
Bulletin I2401 rev. A 07/00
www.irf.com
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 9 - On-state Power Loss Characteristics
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 12 - Maximum Non-Repetitive Surge Current
Fig. 10 - On-state Power Loss Characteristics
0
10
20
30
40
50
60
70
80
90
0
5 10 15 20 25 30 35 40 45 50
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
Average On-state Current (A)
50RIA Series
(1400V to 1600V)
T = 125°C
J
0
10
20
30
40
50
60
70
80
90
100
110
120
0
1020
30
4050
6070
80
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
50RIA Series
(1400V to 1600V)
T = 125°C
J
500
600
700
800
900
1000
1100
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
50RIA Series
(1400V to 1600V)
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
400
500
600
700
800
900
1000
1100
1200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
50RIA Series
(1400V to 1600V)
Fig. 13 - Forward Voltage Drop Characteristics
1
10
100
1000
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
T = 25°C
J
Instantaneous On-state Voltage (V)
50RIA Series (1400V to 1600V)
T = 125°C
J
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
50RIA Series (100V to 1200V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com