Electronic Components Datasheet Search
  English  ▼

X  

DS4000 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS4000
Description  Digitally Controlled TCXO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4000 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS4000 Datasheet HTML 1Page - Dallas Semiconductor DS4000 Datasheet HTML 2Page - Dallas Semiconductor DS4000 Datasheet HTML 3Page - Dallas Semiconductor DS4000 Datasheet HTML 4Page - Dallas Semiconductor DS4000 Datasheet HTML 5Page - Dallas Semiconductor DS4000 Datasheet HTML 6Page - Dallas Semiconductor DS4000 Datasheet HTML 7Page - Dallas Semiconductor DS4000 Datasheet HTML 8Page - Dallas Semiconductor DS4000 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS4000 Digitally Controlled TCXO
3 of 16
AC ELECTRICAL CHARACTERISTICS: TCXO
(VCC = 5V ±5%, over the operating temperature range.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
F1
Output Frequency
F2
CMOS (Note 5)
10
20
MHz
Frequency Stability vs.
Temperature
DF/TA
-1.0
+1.0
ppm
Frequency Stability vs. Voltage
DF/V
(Note 6)
±1.0
ppm/V
Frequency Stability vs. Aging
DF/Yr
±1.0
ppm/Yr
F1, F2 Rise and Fall Time, 10% to
90%
tR, tF
4
ns
Max Output Capacitive Load
CL
10
pF
Duty Cycle
tW / t
40
50
60
%
10Hz
-85
100Hz
-115
1kHz
-129
10kHz
-134
Phase Noise f1 Output (Note 7)
fN
100kHz
-139
dBc/Hz
Note 5: F1 is the base frequency as defined by the package markings. F2 is a programmable frequency output. The output frequency of F2 is
derived from the base frequency, F1, by programming the F2 frequency select register and duty cycle (DC) bit in the TCXO control
register. The minimum output frequency is F1 / (2
8 + 1) with DC = 0 and f1 / [2 x (28 + 1)] with DC = 1.
Note 6: First year typical.
Note 7: 16.384MHz, 5V, +25°C with one of the two outputs enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com