Electronic Components Datasheet Search
  English  ▼

X  

TCS34723 Datasheet(PDF) 22 Page - ams AG

Part # TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34723 Datasheet(HTML) 22 Page - ams AG

Back Button TCS34723 Datasheet HTML 18Page - ams AG TCS34723 Datasheet HTML 19Page - ams AG TCS34723 Datasheet HTML 20Page - ams AG TCS34723 Datasheet HTML 21Page - ams AG TCS34723 Datasheet HTML 22Page - ams AG TCS34723 Datasheet HTML 23Page - ams AG TCS34723 Datasheet HTML 24Page - ams AG TCS34723 Datasheet HTML 25Page - ams AG TCS34723 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Register Description
Enable Register (0x00)
The ENABLE register is used primarily to power the TCS3472
device ON and OFF, and enable functions and interrupts as
shown below.
Figure 26:
Enable Register
Notes:
1. See Power Management section for more information.
2. A minimum interval of 2.4 ms must pass after PON is asserted before an RGBC can be initiated.
7
6
5
4
321
0
Reserved
AIEN
WEN
Reserved
AEN
PON
Fields
Bits
Description
Reserved
7:5
Reserved. Write as 0.
AIEN
4
RGBC interrupt enable. When asserted, permits RGBC interrupts to be
generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates the
RGBC. Writing a 0 disables the RGBC.
PON(1), (2)
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com