Electronic Components Datasheet Search
  English  ▼

X  

TCS34723 Datasheet(PDF) 25 Page - ams AG

Part # TCS34723
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34723 Datasheet(HTML) 25 Page - ams AG

Back Button TCS34723 Datasheet HTML 21Page - ams AG TCS34723 Datasheet HTML 22Page - ams AG TCS34723 Datasheet HTML 23Page - ams AG TCS34723 Datasheet HTML 24Page - ams AG TCS34723 Datasheet HTML 25Page - ams AG TCS34723 Datasheet HTML 26Page - ams AG TCS34723 Datasheet HTML 27Page - ams AG TCS34723 Datasheet HTML 28Page - ams AG TCS34723 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
ams Datasheet
Page 25
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Register Description
Configuration Register (0x0D)
The configuration register sets the wait long time.
Figure 31:
Configuration Register
APERS
3:0
Interrupt persistence. Controls rate of interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every RGBC cycle generates an interrupt
0001
1
1 clear channel value outside of threshold range
0010
2
2 clear channel consecutive values out of range
0011
3
3 clear channel consecutive values out of range
0100
5
5 clear channel consecutive values out of range
0101
10
10 clear channel consecutive values out of range
0110
15
15 clear channel consecutive values out of range
0111
20
20 clear channel consecutive values out of range
1000
25
25 clear channel consecutive values out of range
1001
30
30 clear channel consecutive values out of range
1010
35
35 clear channel consecutive values out of range
1011
40
40 clear channel consecutive values out of range
1100
45
45 clear channel consecutive values out of range
1101
50
50 clear channel consecutive values out of range
1110
55
55 clear channel consecutive values out of range
1111
60
60 clear channel consecutive values out of range
7
6
5
4
321
0
Reserved
WLONG
Reserved
Fields
Bits
Description
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12× from
that programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com