Electronic Components Datasheet Search
  English  ▼

X  

ADS5102 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5102
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5102 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5102 Datasheet HTML 1Page - Texas Instruments ADS5102 Datasheet HTML 2Page - Texas Instruments ADS5102 Datasheet HTML 3Page - Texas Instruments ADS5102 Datasheet HTML 4Page - Texas Instruments ADS5102 Datasheet HTML 5Page - Texas Instruments ADS5102 Datasheet HTML 6Page - Texas Instruments ADS5102 Datasheet HTML 7Page - Texas Instruments ADS5102 Datasheet HTML 8Page - Texas Instruments ADS5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
2
www.ti.com
23
DRVDD
NC
DVDD
DGND
CLK
STBY
OE
PDREF
NC
NC
RBIAS
NC
24
23
22
21
20
19
18
17
16
15
14
13
4
37
38
39
40
41
42
43
44
45
46
47
48
DRGND
NC
DVDD
DGND
AVDD
AGND
AIN–
AIN+
AGND
AVDD
NC
NC
56
7
8
35 34 33 32 31
36
30
28 27 26
29
9 10 11 12
25
1
PFB PACKAGE
(TOP VIEW)
NC – No internal connection
ORDERING INFORMATION
TA
48-TQFP (PFB)
Tape and Reel
48-TQFP (PFB)
Tray
48-TQFP (PFB)
Tape and Reel
48-TQFP (PFB)
Tray
TA
40 MSPS
40 MSPS
65 MSPS
65 MSPS
0
°C to 70°C
ADS5103CPFBR
ADS5103CPFB
ADS5102CPFBR
ADS5102CPFB
–40
°C to 85°C
ADS5103IPFBR
ADS5103IPFB
ADS5102IPFBR
ADS5102IPFB
Evaluation module
ADS5103EVM
ADS5103EVM
ADS5102EVM
ADS5102EVM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com