Electronic Components Datasheet Search
  English  ▼

X  

ADS5102 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5102
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5102 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5102 Datasheet HTML 1Page - Texas Instruments ADS5102 Datasheet HTML 2Page - Texas Instruments ADS5102 Datasheet HTML 3Page - Texas Instruments ADS5102 Datasheet HTML 4Page - Texas Instruments ADS5102 Datasheet HTML 5Page - Texas Instruments ADS5102 Datasheet HTML 6Page - Texas Instruments ADS5102 Datasheet HTML 7Page - Texas Instruments ADS5102 Datasheet HTML 8Page - Texas Instruments ADS5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
3
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
2, 41, 46
I
Analog supply, 1.8V
±5%
AGND
3, 9, 42, 45
I
Analog ground
REFT
4
I/O
Reference top
REFB
5
I/O
Reference bottom
CML
6
O
Common mode level output—nominally 1.0 V
BG
7
O
Band-gap decoupling—decouple with 1
µF to GND and 100 kΩ to AVDD (refer to Figure 30)
PDREF
17
I
Powerdown reference when using external voltage reference 0 = internal VREF, 1 = external VREF.
In external VREF mode, connect pins BG and REFT together.
RBIAS
14
O
Connect a resistor between this pin and AGND. This resistor value is determined by speed grade
selected and is used to set amplifier internal bias currents. (see Table 2)
OE
18
I
1 = 3-state the data outputs , 0 = data bus enable
STBY
19
I
0 = power down mode, 1 = normal operation mode
CLK
20
I
Clock Input
DGND
21, 40
I
Digital ground
DVDD
22, 39
I
Digital supply—1.8 V nominally
DRVDD
24
I
Driver digital supply—1.8 V or 3.3 V nominally
D9
25
O
Digital Bit 9 (MSB)
D8
26
O
Digital Bit 8
D7
27
O
Digital Bit 7
D6
28
O
Digital Bit 6
D5
29
O
Digital Bit 5
D4
30
O
Digital Bit 4
D3
31
O
Digital Bit 3
D2
32
O
Digital Bit 2
D1
33
O
Digital Bit 1
D0
34
O
Digital Bit 0 (LSB)
DRGND
37
I
Driver digital ground
AIN+
44
I
Positive analog input
AIN–
43
I
Negative analog input
NC
1,8,10,11,12,
13,15,16,23,35,
36, 38,47,48
NA
No internal connection on this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com