Electronic Components Datasheet Search
  English  ▼

X  

M Datasheet(PDF) 1 Page - MTRONPTI

Part # M
Description  Low Frequency Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M Datasheet(HTML) 1 Page - MTRONPTI

  M Datasheet HTML 1Page - MTRONPTI M Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M Series
Low Frequency Bandpass Filter
PC mountable or connector with lower loss, more
complexity, and higher power.
Standard Parameters
Special Parameters
Comments
Frequency Range
10 to 100 MHz
2 to 500 MHz
Percentage
Bandwidth
1 to 100%
0.5 to 200%
Maximum VSWR
1.5:1
1.2:1
Average Input
Power
1 Watt
Up to 10 Watts
Measured up to 10,000 feet
Phase Linearity
± 5°
± 2°
Phase Matching
± 2°
± 1°
Maximum
Attenuation
Up to 50 dBc
Up to 65 dBc
Topology
Chebychev
*Consult Factory
Nominal
Impedance
50 Ohms
**Consult Factory
Number of
Sections
6
12
Shock
5 G's
Up to 500 G's
See Below
Vibration
5 G's
Up to 500 G's
See Below
Humidity
90%, non-condensing
Up to 100%, non-condensing
See Below
Alititude
Unlimited
Unlimited
See Below
Operating
Temperature
0 to +50 °Celsius
-55 to +125 °Celsius
See Below
Storage
Temperature
-55 to +85 °Celsius
-65 to +150 °Celsius
See Below
Gross Leak
As required
As required
Additional testing charges will apply
Fine Leak
As required
As required
Additional testing charges will apply
Moisure
Resistance
100%
100%
Dimensions
2.38" x 1.00" x 1.00"
Mounting Options
PC Mount or Categorized
Gross and Fine Leak do not apply to
connectorized parts.
SMA Female or Male
Overview
http://www.mtronpti.com/products/Filter/Bandpass/m-series-low-frequency-bandpass


Similar Description - M

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MB MTRONPTI-MB Datasheet
250Kb / 2P
Low Frequency Bandpass Filter
MC MTRONPTI-MC Datasheet
267Kb / 2P
Low Frequency Bandpass Filter
MD MTRONPTI-MD Datasheet
230Kb / 3P
Low Frequency Bandpass Filter
P MTRONPTI-P Datasheet
236Kb / 2P
Low Frequency Bandpass Filter
logo
Advanced Crystal Techno...
ACTF4228 ACT-ACTF4228 Datasheet
214Kb / 3P
Low-loss Bandpass filter
logo
MTRONPTI
MB-SERIES MTRONPTI-MB-SERIES Datasheet
250Kb / 2P
Low Frequency Bandpass Filter
MC-SERIES MTRONPTI-MC-SERIES Datasheet
267Kb / 2P
Low Frequency Bandpass Filter
MD-SERIES MTRONPTI-MD-SERIES Datasheet
230Kb / 3P
Low Frequency Bandpass Filter
M-SERIES MTRONPTI-M-SERIES Datasheet
367Kb / 2P
Low Frequency Bandpass Filter
P-SERIES MTRONPTI-P-SERIES Datasheet
236Kb / 2P
Low Frequency Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com