Electronic Components Datasheet Search
  English  ▼

X  

M Datasheet(PDF) 2 Page - MTRONPTI

Part # M
Description  Low Frequency Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M Datasheet(HTML) 2 Page - MTRONPTI

  M Datasheet HTML 1Page - MTRONPTI M Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standard Parameters
Special Parameters
Comments
Connector
Options
Type "N", BNC, TNC, SMC, or SMB
Female or Male
Other parameters may be specified. Please consult factory for any deviation from standard.
*Other topologies are available upon requrest or design need. Tese can include, but are not limited to:
Gaussian, Butterworth, Bessel, Elliptical, and Pole-placed designs.
**Other impedances can be achieved, but the package is designed as a 50 Ohm unit. Matching to any other impedance will need prior approval and may not be
guaranteed.
Any environmental testing will incure additional charges. Consult factory for costs associated with environmental testing. All filters can be "Designed to" and may not
require the additional testing. Each application will be different.
http://www.mtronpti.com/products/Filter/Bandpass/m-series-low-frequency-bandpass
Copyright © 2014 MtronPTI
MtronPTI may change specifications without notice to improve end application performance or product manufacturability.
No liability is assumed as a result of product use or application.
Please contact MtronPTI for latest information.
Orlando
2525 Shader Rd
Orlando, FL 32804 USA
Phone: 407-298-2000
Fax: 407-293-2979
Yankton
1703 E. Highway 50
Yankton, SD 57078-0630 USA
Phone: 605-665-9321
Toll Free: 800-762-8800
Fax: 605-665-1709
India
Noida
SDF-D3 Zone (NSEZ) Special Economic
Noida - 201305 (U.P.)
New Delhi, India
Phone 91-120-256-2014
Fax: 91-120-256-3242
Shanghai
Room 2215, 22/F
Tomson Commercial Building
710 Dongfang Road
Pudong, Shanghai, China
Phone: 86-21-6165-2282
Fax: 86-21-6165-2283
Asia Pacific
Unit 1108, 11
th Floor, APEC Plaza
48 Hoi Yuen Road
Kwun Tong, Kowloon, Hong Kong, China
Phone: 852-2866-8023
Fax: 852-2529-1822
Europe
Bolwerk 26
Veldhoven – 5509 MH
Netherlands
Phone: 31-40-368-6818
Fax: 31-40-368-3501
Contact
Find a Rep or Distributor
Request a Quote
Need help now? Visit Mtronpti.com and click…



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com