| Electronic Components Datasheet Search |
|
IMP16C552 Datasheet(PDF) 2 Page - IMP, Inc |
|
|
|||||||||||||||||||||||||||||
IMP16C552 Datasheet(HTML) 2 Page - IMP, Inc |
|
2 / 34 page ![]() The low power COMS IMP16C522 is a single device solution for serving two serial input/output ports simultaneously and one fully bi-directional parallel port for the IBM PC ATM PS/2 and compatible systems. The parallel port is full compatible to the Centronics printer port and IBM serial parallel Adapter. Each Universal Asynchronous Receiver and transmitter (UART) is fully programmable. Each UART in the IMP16C522 is capable of buffering up to 16 bytes of data upon reception, relieving the CPU of interrupt overhead. Buffering of data also allows greater latency time in interrupt servicing which is vital in a multitasking environment, DMA signaling between the internal FIFO buffers and host CPU allows single or multiple character transfers. Each UART has a maximum recommended data rate of 256k with a clock frequency of 80MHZ The IMP16C552 is an enhanced dual channel version of the IMP16C550A Universal Asynchronous Receiver and Transmitter (UART) plus a bi-directional parallel data port which fully support a Centronics compatible printer interface The two serial input/output Universal Asynchronous Receiver/Transmitter interface simultaneously in microprocessor-based system. Each UART performs parallel-to-serial conversion on the output and serial-to parallel conversion on the input. Two modes of operation exits for each I/0 channel after a hardware reset. Each UART is functionally compatible to the IMP16C450(character mode)and an alternate mode (FIFO mode)which is only available on the IMP16C552 It can be activated through software relieving the CPU of excessive overhead due to due to interrupts. The complete status of each UART can be read at any time from internal registers. The parallel port allows information received from the data base to be printed. The parallel port together with the two serial ports, provides IBM PC ATM and PS/2tm compatible with a single device solution. 2 408-432-9100/www.impweb.com © 2002 IMP, Inc. Description General Description IMP16C552 IMP16C552 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |