Electronic Components Datasheet Search
  English  ▼

X  

IMP16C552 Datasheet(PDF) 13 Page - IMP, Inc

Part # IMP16C552
Description  Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP16C552 Datasheet(HTML) 13 Page - IMP, Inc

Back Button IMP16C552 Datasheet HTML 9Page - IMP, Inc IMP16C552 Datasheet HTML 10Page - IMP, Inc IMP16C552 Datasheet HTML 11Page - IMP, Inc IMP16C552 Datasheet HTML 12Page - IMP, Inc IMP16C552 Datasheet HTML 13Page - IMP, Inc IMP16C552 Datasheet HTML 14Page - IMP, Inc IMP16C552 Datasheet HTML 15Page - IMP, Inc IMP16C552 Datasheet HTML 16Page - IMP, Inc IMP16C552 Datasheet HTML 17Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TABLE lll- Baud Rates Using 1.8432 MHz Clock
Desired
Baud
Rate
Divisor Used
to Generate
16x Clock
Percent Error
Difference Between
Desired and Actual
50
75
110
134.5
150
300
600
1200
1800
2000
2400
3600
4800
7200
9600
19200
38400
56000
2304
1536
1047
857
768
384
192
96
64
58
48
32
24
16
12
6
3
2
-
-
0.026
0.058
-
-
-
-
-
0.690
-
-
-
-
-
-
-
2.860
TABLE IV- Baud Rate using 3.072 MHz clock
Desired
Baud
Rate
Divisor Used
To Generate
16x clock
Percent Error
Difference Between
Desired and Actual
50
75
110
134.5
150
300
600
1200
1800
2000
2400
3600
4800
7200
9600
19200
38400
56000
3840
2560
1745
1428
1280
640
320
160
107
96
80
53
40
27
20
10
5
3
-
-
0.026
0.034
-
-
-
-
0.312
-
-
0.628
-
1.230
-
-
-
14.285
13
408-432-9100/www.impweb.com
© 2002 IMP, Inc.
IMP16C552
IMP16C552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com