Electronic Components Datasheet Search
  English  ▼

X  

IMP16C554 Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP16C554
Description  Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP16C554 Datasheet(HTML) 5 Page - IMP, Inc

  IMP16C554 Datasheet HTML 1Page - IMP, Inc IMP16C554 Datasheet HTML 2Page - IMP, Inc IMP16C554 Datasheet HTML 3Page - IMP, Inc IMP16C554 Datasheet HTML 4Page - IMP, Inc IMP16C554 Datasheet HTML 5Page - IMP, Inc IMP16C554 Datasheet HTML 6Page - IMP, Inc IMP16C554 Datasheet HTML 7Page - IMP, Inc IMP16C554 Datasheet HTML 8Page - IMP, Inc IMP16C554 Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IMP16C554 ACCESSIBLE REGISTERS
A2A1A0
Registe
r
BIT-7
BIT-6
BIT-5
BIT-4
BIT-3
BIT-2
BIT-1
BIT-0
0 0 0
RHR
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 0
THR
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 1
IER
0
0
0
0
Modem
status
interrup
t
Receiv
e
line
status
interru
pt
Transmi
t
holding
register
Receive
holding
register
0 1 0
FCR
RCV
R
trigge
r
(MSB
)
RCV
R
trigge
r
(LSB)
0
0
DMA
Mode
select
XMITF
IFO
reset
RCVRF
IFO
reset
FIFO
enable
0 1 0
ISR
0/FIF
Os
enabl
ed
0/FIF
Os
enabl
ed
0
0
int
priority
bit-2
Int
priority
bit-1
Int
priority
bit-0
Int
status
0 1 1
LCR
Divis
or
latch
enabl
e
Set
break
Set
parity
Even
parity
Parity
enable
Stop
bits
Word
length
bit-1
Word
length
bit-0
1 0 0
MCR
0
0
0
Loop
back
INT
enable
Not
used
RTS*
DTR*
1 0 1
LSR
o/FIF
O
error
trans
empt
y
trans
holdi
ng
empt
y
break
interr
upt
framing
error
parity
error
overrun
error
receive
data
ready
1 1 0
MSR
CD
RI
DSR
CTS
delta
CD*
delta
RI*
delta
DSR*
delta
CTS*
1 1 1
SPR
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 0
DLL
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 1
DLM
bit-15
bit-14
bit-13
bit-12
bit-11
bit-10
bit-9
bit-8
DLL and DLM are accessible only when LCR bit-7 is set to “1”.
5
408-432-9100/www.impweb.com
© 2002 IMP, Inc.
IMP16C554
IMP16C554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com