Electronic Components Datasheet Search
  English  ▼

X  

INTEL82801 Datasheet(PDF) 13 Page - Intel Corporation

Part # INTEL82801
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INTEL82801 Datasheet(HTML) 13 Page - Intel Corporation

Back Button INTEL82801 Datasheet HTML 9Page - Intel Corporation INTEL82801 Datasheet HTML 10Page - Intel Corporation INTEL82801 Datasheet HTML 11Page - Intel Corporation INTEL82801 Datasheet HTML 12Page - Intel Corporation INTEL82801 Datasheet HTML 13Page - Intel Corporation INTEL82801 Datasheet HTML 14Page - Intel Corporation INTEL82801 Datasheet HTML 15Page - Intel Corporation INTEL82801 Datasheet HTML 16Page - Intel Corporation INTEL82801 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 414 page
background image
82801AA and 82801AB
Datasheet
xiii
8.5
Advanced Interrupt Controller (APIC) .........................................................8-39
8.5.1
APIC Register Map ........................................................................8-39
8.5.2
IND—Index Register ......................................................................8-39
8.5.3
DAT—Data Register ......................................................................8-40
8.5.4
ID—Identification Register .............................................................8-40
8.5.5
VER—Version Register .................................................................8-40
8.5.6
ARBID—Arbitration ID Register .....................................................8-41
8.5.7
Redirection Table...........................................................................8-41
8.5.8
IRQPA—IRQ Pin Assertion Register .............................................8-43
8.5.9
EOIR—EOI Register ......................................................................8-43
8.6
Real Time Clock Registers .........................................................................8-44
8.6.1
I/O Register Address Map..............................................................8-44
8.6.2
Indexed Registers ..........................................................................8-45
8.6.2.1
RTC_REGA—Register A................................................8-46
8.6.2.2
RTC_REGB—Register B (General Configuration) .........8-47
8.6.2.3
RTC_REGC—Register C (Flag Register) ......................8-48
8.6.2.4
RTC_REGD—Register D (Flag Register) ......................8-48
8.7
Processor Interface Registers.....................................................................8-49
8.7.1
NMI_SC—NMI Status and Control Register ..................................8-49
8.7.2
NMI_EN—NMI Enable (and Real Time Clock Index) ....................8-50
8.7.3
PORT92—Fast A20 and Init Register............................................8-50
8.7.4
COPROC_ERR—Coprocessor Error Register ..............................8-50
8.7.5
RST_CNT—Reset Control Register ..............................................8-51
8.8
Power Management Registers (D31:F0) ....................................................8-52
8.8.1
Power Management PCI Configuration Registers (D31:F0) ..........8-52
8.8.1.1
GEN_PMCON_1—General PM Configuration 1
Register (PM—D31:F0) ..................................................8-52
8.8.1.2
GEN_PMCON_2—General PM Configuration 2
Register (PM—D31:F0) ..................................................8-53
8.8.1.3
GEN_PMCON_3—General PM Configuration 3
Register (PM—D31:F0) ..................................................8-53
8.8.1.4
GPI_ROUT—GPI Routing Control Register
(PM—D31:F0) ................................................................8-54
8.8.1.5
IO_MON_RNG1—IO Monitor Range 1 Register
(PM—D31:F0) ................................................................8-54
8.8.1.6
IO_MON_RNG2—IO Monitor Range 2 Register
(PM—D31:F0) ................................................................8-55
8.8.1.7
IO_MON_MSK—IO Monitor Range Mask Register
(PM—D31:F0) ................................................................8-55
8.8.2
APM I/O Decode ............................................................................8-56
8.8.2.1
APM_CNT—Advanced Power Management
Control Port Register ......................................................8-56
8.8.2.2
APM_STS—Advanced Power Management
Status Port Register .......................................................8-56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com