Electronic Components Datasheet Search
  English  ▼

X  

INTEL82801 Datasheet(PDF) 3 Page - Intel Corporation

Part # INTEL82801
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INTEL82801 Datasheet(HTML) 3 Page - Intel Corporation

  INTEL82801 Datasheet HTML 1Page - Intel Corporation INTEL82801 Datasheet HTML 2Page - Intel Corporation INTEL82801 Datasheet HTML 3Page - Intel Corporation INTEL82801 Datasheet HTML 4Page - Intel Corporation INTEL82801 Datasheet HTML 5Page - Intel Corporation INTEL82801 Datasheet HTML 6Page - Intel Corporation INTEL82801 Datasheet HTML 7Page - Intel Corporation INTEL82801 Datasheet HTML 8Page - Intel Corporation INTEL82801 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 414 page
background image
82801AA and 82801AB
Datasheet
iii
Intel® 82801AA (I CH) and Intel® 82801AB (ICH0)
Features
s
PCI Bus Interface
— Supports PCI at 33 MHz
— Supports PCI Rev 2.2 Specification
— 133 MByte/sec Maximum Throughput
s
Integrated IDE Controller
— Independent Timing of Up to 4 Drives
— Supports Ultra ATA/33 Mode
(33 Mbytes/sec)
— PIO Mode 4 Transfers up to 14 Mbytes/s
— Separate IDE Connections for Primary and
Secondary Cables
— Implements Write Ping-Pong Buffer for
faster write performance
s
USB
— UHCI Implementation With 2 Ports
— Supports Wake-up From Sleeping States
S1-S4
— Supports Legacy Keyboard/Mouse Software
— USB Revision 1.1 Compliant
s
AC'97 Link for Audio and Telephony CODECs
— AC’97 2.1 Compliant
— 5 Independent Bus Master Logic for PCM In,
PCM Out, Mic Input, Modem In, Modem
Out
— Separate Independent PCI Functions for
Audio and Modem
— Supports wake-up events
s
Interrupt Controller
— Two Cascaded 82C59
— Integrated I/O APIC Capability
— 15 Interrupts Support in 8259 Mode, 24
Supported in I/O APIC Mode.
— Supports Serial Interrupt Protocol
s
Timers Based on 82C54
s
System Timer, Refresh Request, Speaker Tone
Output
s
3.3 V Operation With 5 V Tolerant Buffers for
IDE and PCI signals.
s
241 BGA package
s
GPIO
— TTL, Open-Drain, Inversion
s
Power Management Logic
— ACPI 1.0 Compliant
— Support for APM-Based Legacy Power
Management for Non-ACPI Implementations
— ACPI Defined Power States (S1, S3, S4, S5)
— ACPI Power Management Timer
— SMI# Generation
— All Registers Readable/Restorable for Proper
Resume from 0 V Suspend States
— PCI PME#
s
Low Pin count (LPC) Interface
— Allows Connection of Legacy ISA and
X-Bus Devices such as Super I/O
— Supports Two Master/DMA Devices.
s
Enhanced DMA Controller
— Two Cascaded 8237 DMA Controllers
— PCI DMA: Supports PC/PCI — Includes
Two PC/PCI REQ#/GNT# Pairs
— Supports LPC DMA
— Supports DMA Collection Buffer to Provide
Type-F DMA Performance for All DMA
Channels
s
Real - Time Clock
— 256-byte Battery-Backed CMOS RAM
— Hardware implementation to indicate
Century Rollover
s
System TCO Reduction Circuits
— Timers to Generate SMI# and Reset Upon
Detection of locked system
— Timers to Detect Improper Processor Reset
— Integrated Processor Frequency Strap Logic
s
SM Bus
— Host Interface Allows Processor to
Communicate via SM Bus
— Compatible With Most 2-Wire Components
that are Also I2C compatible
s
Supports ISA Bus via External PCI-ISA Bridge
s
Firmware Hub (FWH) Interface
— Master PCI Device Support: up to 6 for the
ICH and up to 4 for the ICH0
— The ICH Supports Ultra ATA/66 Mode (66
Mbytes/sec)
s
The 82801AA provides Alert On LAN*
Support
The Intel® 82801AA and Intel® 82801AB may contain design defects or errors known as errata which may cause the
products to deviate from published specifications. Current characterized errata are available on request.
This datasheet describes the Intel
® 82801AA and Intel® 82801AB components. Non-shaded areas
describe the functionality of both components.
Shading,as is shown here, indicates differences between the two components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com