Electronic Components Datasheet Search
  English  ▼

X  

IRGS30B60 Datasheet(PDF) 8 Page - International Rectifier

Part # IRGS30B60
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS30B60 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRGS30B60 Datasheet HTML 4Page - International Rectifier IRGS30B60 Datasheet HTML 5Page - International Rectifier IRGS30B60 Datasheet HTML 6Page - International Rectifier IRGS30B60 Datasheet HTML 7Page - International Rectifier IRGS30B60 Datasheet HTML 8Page - International Rectifier IRGS30B60 Datasheet HTML 9Page - International Rectifier IRGS30B60 Datasheet HTML 10Page - International Rectifier IRGS30B60 Datasheet HTML 11Page - International Rectifier IRGS30B60 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IRGB/S/SL30B60K
8
www.irf.com
Fig.C.T.1 - Gate Charge Circuit (turn-off)
Fig.C.T.2 - RBSOA Circuit
1K
VCC
DUT
0
L
Fig.C.T.3 - S.C.SOA Circuit
Fig.C.T.4 - Switching Loss Circuit
Fig.C.T.5 - Resistive Load Circuit
L
Rg
VCC
diode clamp /
DUT
DUT /
DRIVER
- 5V
Rg
VCC
DUT
R =
VCC
ICM
L
Rg
80 V
DUT
480V
+
-
DC
Driver
DUT
360V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com