Electronic Components Datasheet Search
  English  ▼

X  

IRGS30B60 Datasheet(PDF) 9 Page - International Rectifier

Part # IRGS30B60
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS30B60 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGS30B60 Datasheet HTML 5Page - International Rectifier IRGS30B60 Datasheet HTML 6Page - International Rectifier IRGS30B60 Datasheet HTML 7Page - International Rectifier IRGS30B60 Datasheet HTML 8Page - International Rectifier IRGS30B60 Datasheet HTML 9Page - International Rectifier IRGS30B60 Datasheet HTML 10Page - International Rectifier IRGS30B60 Datasheet HTML 11Page - International Rectifier IRGS30B60 Datasheet HTML 12Page - International Rectifier IRGS30B60 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
IRGB/S/SL30B60K
www.irf.com
9
Fig. WF3- Typ. S.C Waveform
@ TC = 150°C using Fig. CT.3
Fig. WF1- Typ. Turn-off Loss Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF2- Typ. Turn-on Loss Waveform
@ TJ = 150°C using Fig. CT.4
-100
0
100
200
300
400
500
600
700
-0.20
0.00
0.20
0.40
0.60
0.80
Time(µs)
-5
0
5
10
15
20
25
30
35
90% I
CE
5% V
CE
5% I
CE
Eoff Loss
tf
-100
0
100
200
300
400
500
600
700
15.90
16.00
16.10
16.20
16.30
Time (µs)
-10
0
10
20
30
40
50
60
70
TEST CURRENT
90% test current
5% V
CE
10% test current
tr
Eon Loss
0
100
200
300
400
500
600
-5.00
0.00
5.00
10.00
15.00
time (µS)
0
50
100
150
200
250
300
VCE
ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com