Electronic Components Datasheet Search
  English  ▼

X  

TSP3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSP3
Description  ATM Forum TM4.1 traffic shaping
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSP3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSP3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSP3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AAL5 SAR with ATM-to-MPLS Interworking
Product Overview
PortMakerIII firmware provides proven, reliable, and fully
supported binary applications for the TSP3 family of devices.
The PortMakerIII AAL5 SAR with ATM-to-MPLS interworking
application is one of a suite of off-the-shelf applications
for the TSP3 hardware platform. It provides up to OC-48
throughput SARing, fine-grained traffic management, ATM-
to-MPLS interworking support, and a rich set of value-added
features. The firmware is also available with a source code
license to allow product differentiation and multi-service
operation with other PortMakerIII or custom applications.
AAL5 Segmentation and Reassembly (SAR)
The PortMakerIII AAL5 application complies with the ITU I.363.5
standard and also conforms to the ATM Forum PICS Proforma
for AAL Type 5 tests. The firmware runs across the entire TSP3
family, providing a maximum of 256K connections and up to
2.5 Gbps rates. ATM cell traffic uses either the UTOPIA or
POS interfaces for streaming mode operation, while packet
traffic can use the POS interface for streaming mode opera-
tion, or the PCI bus for shared memory operation. Host-based
management of the SAR is accomplished via the PCI bus
using commands, acknowledgements, indications, and alarms.
Traffic Shaping
Traffic shaping is provided at the output of both the
segmentation and reassembly functions. In the segmentation
direction, each connection has two generic cell rate algo-
rithms (GCRAs) that support CBR, VBR, UBR, and UBR+
as defined in the ATM Forum Traffic Management 4.1
Specification. The host selects the shaping parameters and
priority on a per VC basis at open channel time. A four-level,
strict priority scoreboard-based mechanism is used to
schedule cells for transmission, allowing quality of service
(QoS) level guarantees. Shaping rates are available from 64
kbps to 100 percent of line rate, within one percent accuracy.
Buffer Management
Up to 256 Mbytes of local SDRAM are supported for buffering
traffic. Two pools of buffers are supported: internal buffers
and host buffers. Internal buffers occupy local SDRAM and
are 128-bytes in length. Internal buffers are allocated to one
of 16 buffer classes during initialization. Host buffers are
configurable in size and can be placed either in local SDRAM
or in host memory on the PCI bus. Host buffers are optionally
used for packet output from the reassembler, when the
shared memory mode of operation is used.
Congestion Control
Segmenter packets are stored in per-VC queues. Queue
admission is controlled by one of three methods, selected
at open channel time: weighted random early discard (WRED),
per-VC flow control, and per-VC EPD.
> Runs across entire family
of TSP3 devices
> ITU I.363.5 compliant
AAL5 SAR
> ATM Forum TM4.1 traffic shaping
> Traffic shaping rates config-
urable from 64 kbps to 100
percent of line-rate, within
one percent accuracy
> Independent shaping and
policing profiles for up to
256K connections
> Supports up to 64 PHYs at
64 independent rates
> Choice of segmenter queue
admission policies (WRED,
per VC EPD, and per VC
flow control)
> VP tunnels with WRR and
VC tunnels with CBWFQ
> ATM-to-MPLS interworking
support based on ietf-pwe3-
atm-encap
> Ingress policing
> Auto-VC discovery
> Integrated OAM
cell processing
> Encapsulation /
de-encapsulation
> Per-PHY and per-
connection statistics
> PCI based EVM,
PortBuilder™™III host driver,
and consulting services to
accelerate time-to-market
>
>
KE Y FEATURES
PortMaker®III AAL5 Firmware
TSP3 Traffic Stream Processors


Similar Part No. - TSP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TSP3044 AD-TSP3044 Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
First Components Intern...
TSP310A FCI-TSP310A Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
TSP310A FCI-TSP310A Datasheet
189Kb / 3P
THYRISTOR SURGE PROTECTOR SMB TYPE SURFACE MOUNT
TSP310AL FCI-TSP310AL Datasheet
110Kb / 3P
THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
TSP310AL FCI-TSP310AL Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
More results

Similar Description - TSP3

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
Packet/ATM Traffic Manager and Switch
PM73487 PMC-PM73487 Datasheet
3Mb / 251P
622 Mbps ATM Traffic Management Device
logo
Actel Corporation
MC-ACT-UL3LINK-NET ACTEL-MC-ACT-UL3LINK-NET Datasheet
270Kb / 5P
Function compatible with ATM Forum Asynchronous/synchronous FIFO using RAM
logo
M/A-COM Technology Solu...
28236-DSH-001-B MA-COM-28236-DSH-001-B Datasheet
4Mb / 443P
ATM ServiceSAR Plus with xBR Traffic Management
28236-DSH-001-B MA-COM-28236-DSH-001-B_15 Datasheet
4Mb / 443P
ATM ServiceSAR Plus with xBR Traffic Management
logo
PMC-Sierra, Inc
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
622 MBPS ATM Traffic Management Device
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com