Electronic Components Datasheet Search
  English  ▼

X  

ABC75-1015L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC75-1015L
Description  3 x 2 x 1 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1015L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC75-1015L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ABC75 Series
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00664_001
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Conducted Emissions
EN55022-B, CISPR22-B, FCC PART15 - B
Static Discharge
EN61000-4-2:
Level-3
RF Field Susceptibility
EN61000-4-3:
Level-3
Fast Transients/Bursts
EN61000-4-4:
Level-3
Radiated Emissions
Radiated:
Radiated with external core:
(King core K5B RC 25x12x15-M in input cable with 5 Turns)
Level A
Level B
Surge Susceptibility
EN61000-4-5:
Level-3
Harmonic Current
EN61000-3-2:
Class D
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output: (For ITE application)
Input to GND:
3000 VAC
1500 VAC
Safety Standard(s)
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1; Class1 SELV.
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
Figure 1 – Derating Curve
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Screw Terminal (Option 1)
Molex: 39357-0003
Tyco: 2-1776112-3
Molex Connector (Option 2)
Molex: 1722861103
(Mating conn: Molex 1722561003)
DC Output Connector
J2
Pin 1, 2
Pin 3, 4
V1 -VE
V1 + VE
Screw Terminal (Option 1)
Molex: 39357 -0004
Tyco: 2-1776112-4
Molex Connector (Option 2)
Molex: 1722861104
(Mating conn: Molex 1722561004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com