Electronic Components Datasheet Search
  English  ▼

X  

ABC75-1015L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC75-1015L
Description  3 x 2 x 1 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1015L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC75-1015L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1015L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 Bel Power Solutions, Inc.
North America
+1-866.513.2839
Asia-Pacific
+86.755.29885888
Europe, Middle East
+353 61 225 977
tech.support@psbel.com
BCD.00664_001
3 x 2 x 1 Inch Form Factor
75 Watts with Convection Cooling
Efficiencies up to 93%
-40 to 70 Degree Operating Temperature
Thermal Shut-Down Feature
3.00 Million Hours, Telcordia -SR332-Issue 3
Standby Power < 0.3 W
RoHS Compliant
CE Marked
The ABC75 Series of open frame power supplies
feature a wide universal AC input range of 85 V –
264 VAC, offering 75 W of output power in a
compact 3 x 2 x 1 inch footprint, with a variety of
isolated single output voltages.
The high efficiency and high power density of the
ABC family ensures minimal power loss in end-
use
equipment,
thereby
facilitating
higher
reliability, easier thermal management and meets
regulatory approvals for environmentally-friendly
end products.
These power supplies are ideal for telecom,
datacom,
industrial
equipment
and
other
applications.
Instrumentation
Lighting
Industrial Applications
Applied Computing
Renewable Energy
Test and Measurement
Robotics
Wireless Communication


Similar Part No. - ABC75-1015L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1015L BEL-ABC75-1015L Datasheet
787Kb / 5P
RoHS Compliant
ABC75-1015L BEL-ABC75-1015L Datasheet
1Mb / 7P
3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
More results

Similar Description - ABC75-1015L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
5 x 3 x 0.75 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
4 x 2 x 1.3 Inch Form Factor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com