Electronic Components Datasheet Search
  English  ▼

X  

DS5001FP Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS5001FP
Description  128k Soft Microprocessor Chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5001FP Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS5001FP Datasheet HTML 1Page - Dallas Semiconductor DS5001FP Datasheet HTML 2Page - Dallas Semiconductor DS5001FP Datasheet HTML 3Page - Dallas Semiconductor DS5001FP Datasheet HTML 4Page - Dallas Semiconductor DS5001FP Datasheet HTML 5Page - Dallas Semiconductor DS5001FP Datasheet HTML 6Page - Dallas Semiconductor DS5001FP Datasheet HTML 7Page - Dallas Semiconductor DS5001FP Datasheet HTML 8Page - Dallas Semiconductor DS5001FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS5001FP
5 of 26
33, 35,
37
9
and A15 respectively.
71, 69,
67, 65,
61, 59,
57, 55
28, 26,
24, 23,
21, 20,
19, 18
BD7–0
Byte-Wide Data-Bus Bits 7–0. This 8-bit, bidirectional bus is combined with the
nonmultiplexed address bus (BA14–0) to access NV SRAM. Decoding is performed on
CE1
and CE2 . Read/write access is controlled by R/ W . BD7–0 connect directly to an
SRAM, and optionally to a real-time clock or other peripheral.
10
37
R/ W
Read/Write. This signal provides the write enable to the SRAMs on the byte-wide bus. It
is controlled by the memory map and partition. The blocks selected as program (ROM) are
write-protected.
74
29
CE1
Chip Enable 1. This is the primary decoded chip enable for memory access on the byte-
wide bus. It connects to the chip enable input of one SRAM. CE1 is lithium-backed. It
remains in a logic high inactive state when VCC falls below VLI.
72
N/A
CE1N
Non-battery-backed version of chip enable 1. This can be used with a 32kB EPROM. It
should not be used with a battery-backed chip.
233
CE2
Chip Enable 2. This chip enable is provided to access a second 32k block of memory. It
connects to the chip enable input of one SRAM. When MSEL = 0, the micro converts CE2
into A16 for a 128k x 8 SRAM. CE2 is lithium-backed and remains at a logic high when
VCC falls below VLI.
63
22
CE3
Chip Enable 3. This chip enable is provided to access a third 32k block of memory. It
connects to the chip enable input of one SRAM. When MSEL = 0, the micro converts CE3
into A15 for a 128k x 8 SRAM. CE3 is lithium-backed and remains at a logic high when
VCC falls below VLI.
62
N/A
CE4
Chip Enable 4. This chip enable is provided to access a fourth 32k block of memory. It
connects to the chip-enable input of one SRAM. When MSEL = 0, this signal is unused.
CE4
is lithium-backed and remains at a logic high when VCC < VLI.
78
N/A
PE1
Peripheral Enable 1. Accesses data memory between addresses 0000h and 3FFFh when
the PES bit is set to a logic 1. Commonly used to chip enable a byte-wide real-time clock
such as the DS1283. PE1 is lithium-backed and remains at a logic high when VCC falls
below VLI. Connect PE1 to battery-backed functions only.
3N/A
PE2
Peripheral Enable 2. Accesses data memory between addresses 4000h and 7FFFh when
the PES bit is set to a logic 1. PE2 is lithium-backed and remains at a logic high when VCC
falls below VLI. Connect PE2 to battery-backed functions only.
22
N/A
PE3
Peripheral Enable 3. Accesses data memory between addresses 8000h and BFFFh when
the PES bit is set to a logic 1. PE3 is not lithium-backed and can be connected to any type
of peripheral function. If connected to a battery-backed chip, it needs additional circuitry to
maintain the chip enable in an inactive state when VCC < VLI.
23
N/A
PE4
Peripheral Enable 4. Accesses data memory between addresses C000h and FFFFh when
the PES bit is set to a logic 1. PE4 is not lithium-backed and can be connected to any type
of peripheral function. If connected to a battery-backed chip, it needs additional circuitry to
maintain the chip enable in an inactive state when VCC < VLI.
32
N/A
PROG
Invokes the bootstrap loader on a falling edge. This signal should be debounced so that
only one edge is detected. If connected to ground, the micro enters bootstrap loading on
power-up. This signal is pulled up internally.
42
N/A
VRST
This I/O pin (open drain with internal pullup) indicates that the power supply (VCC)
has fallen below the VCCmin level and the micro is in a reset state. When this occurs, the
DS5001FP drives this pin to a logic 0. Because the micro is lithium-backed, this signal is
guaranteed even when VCC = 0V. Because it is an I/O pin, it also forces a reset if pulled
low externally. This allows multiple parts to synchronize their power-down resets.
43
N/A
PF
This output goes to a logic 0 to indicate that VCC < VLI and the micro has switched to
lithium backup. Because the micro is lithium-backed, this signal is guaranteed even when
VCC = 0V. The normal application of this signal is to control lithium powered current to
isolate battery-backed functions from non-battery-backed functions.
14
40
MSEL
Memory Select. This signal controls the memory size selection. When MSEL = +5V, the
DS5001FP expects to use 32k x 8 SRAMs. When MSEL = 0V, the DS5001FP expects to
use a 128k x 8 SRAM. MSEL must be connected regardless of partition, mode, etc.
73
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com