Electronic Components Datasheet Search
  English  ▼

X  

SiM3U1 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SiM3U1
Description  Version 1.0 of the SiM3U1xx
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SiM3U1 Datasheet(HTML) 1 Page - Silicon Laboratories

  SiM3U1 Datasheet HTML 1Page - Silicon Laboratories SiM3U1 Datasheet HTML 2Page - Silicon Laboratories SiM3U1 Datasheet HTML 3Page - Silicon Laboratories SiM3U1 Datasheet HTML 4Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Process Change Notice #1211201
____________________________________________________________________________________________________
W7206F1 Process Change Notice Form rev AH
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 1
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical document
updates, new product announcements, “how-to” and design documents, product change notices (PCN) and other valuable content
available only to registered users. http://www.silabs.com/profile
PCN Date: 11/20/2012
Effective Date: 2/26/2013
Title: SiM3U1xx and SiM3C1xx Datasheet v1.0 Availablity
Originator: Shahram Tadayon
Phone: 512 428 1698
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512 532 5261
Dept: Sales
PCN Type:
Datasheet
Foundry
Packing
Product Revision
Assembly
Labeling
Discontinuance
Test
Other
Last Order Date: Not Applicable
PCN Details
Description of Change:
Version 1.0 of the SiM3U1xx and SiM3C1xx datasheets and Reference Manual are now available. This
update applies to the SiM3U1xx family of 32-bit USB MCUs and SiM3C1xx family of 32-bit broad
based MCUs, including all parts beginning with the SiM3U1 and SiM3C1 base part number.
See Appendix for complete description of the changes.
The SiM3U1xx and SiM3C1xx 1.0 datasheets are available at www.silabs.com
This change also includes an improvement in Moisture Sensitivity Level (MSL) from level 3 to level 2
for the 80 TQFP, 64 TQFP, 64 QFN, and 40 QFN package options.
Reason for Change:
The SiM3U1xx and SiM3C1xx v1.0 datasheets includes minor updates, additions and corrections to
the specifications and text descriptions, as noted in the Appendix. The MSL change includes an
improved manufacturing exposure time. These changes were made based on completion of device
characterization and release to full production.
Impact on Form, Fit, Function, Quality, Reliability:
There is no impact on form, fit, quality and reliability. Functional changes were made to the
DEVICEID0 registers to enhance device identification information.


Similar Part No. - SiM3U1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SIM3U134-B-GM SILABS-SIM3U134-B-GM Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3U136-B-GM SILABS-SIM3U136-B-GM Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3U136-B-GQ SILABS-SIM3U136-B-GQ Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3U144-B-GM SILABS-SIM3U144-B-GM Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3U146-B-GM SILABS-SIM3U146-B-GM Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
More results

Similar Description - SiM3U1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HLC908LJ12 FREESCALE-MC68HLC908LJ12 Datasheet
636Kb / 16P
low-voltage version of the MC68HC908LJ12
logo
PHOENIX CONTACT
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
The figure shows a 5-pos. version of the product
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
provides the functional version of the on-chip modules
logo
PHOENIX CONTACT
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
1786543 PHOENIX-1786543 Datasheet
157Kb / 6P
The figure shows a 10-position version of the product
logo
Silicon Laboratories
1212072 SILABS-1212072 Datasheet
267Kb / 3P
Version 1.0 of the C8051F39x/7x is now available
1302261 SILABS-1302261 Datasheet
148Kb / 3P
Version 0.5 of the SiM3L1xx datasheet is now available
logo
IQD Frequency Products ...
CFPS-98 IQD-CFPS-98 Datasheet
307Kb / 2P
SMD 4 pad version of the HC49/3.5H
logo
Laird Tech Smart Techno...
SDC-EC25N LSTD-SDC-EC25N Datasheet
942Kb / 17P
Preliminary version of the EC25N HIG
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com