Electronic Components Datasheet Search
  English  ▼

X  

SiM3U1 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SiM3U1
Description  Version 1.0 of the SiM3U1xx
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SiM3U1 Datasheet(HTML) 3 Page - Silicon Laboratories

  SiM3U1 Datasheet HTML 1Page - Silicon Laboratories SiM3U1 Datasheet HTML 2Page - Silicon Laboratories SiM3U1 Datasheet HTML 3Page - Silicon Laboratories SiM3U1 Datasheet HTML 4Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Process Change Notice #1211201
____________________________________________________________________________________________________
W7206F1 Process Change Notice Form rev AH
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
Appendix
SiM3U1xx and SiM3C1xx Datasheet Changes:
1.
Typographical and content corrections and clarification throughout.
2.
Electrical Specifications Tables Additions:
Voltage Regulator Current Sense Supply Current
USB Transciever Supply Current
Power Mode 2 Wake Time
External Crystal Clock Frequency
Added VBUS and RESET pin characteristics
3.
Electrical Specifications Tables Removals:
Power Mode 3 Wake Time
4.
Electrical Specifications Tables Corrections/Adjustments:
IVC Supply Current, Max = 2.5 μA
VREG0 Output Voltage Normal Mode, Min = 3.15 V
VREG0 Output Voltage Suspend Mode, Min = 3.15 V
External Regulator Internal Pull-Down, Typ = 5 kOhm
External Regulator Internal Pull-Up, Typ = 10 kOhm
Flash Memory Endurance, Typ = 100k write/erase cycles
Flash Memory Retention, Min = 10 Years, Typ = 100 Years
USB Oscillator Frequency without Clock Recovery, Min = 47.5 MHz, Max = 48.5 MHz
Low Power Oscillator Frequency, Min = 19.5 MHz, Max = 20.5 MHz
SAR Dynamic Performance: Consolidated all specs.
IDAC Full Scale Output Current 1mA Range, Min = 0.99 mA
IDAC Full Scale Output Current 0.5mA Range, Min = 493 μA
IVC Slope @ 1 mA, Min = 1.55 V/mA, Max = 1.75 V/mA
IVC Slope @ 2 mA, Min = 795 mV/mA, Max = 860 mV/mA
IVC Slope @ 3 mA, Min = 525 mV/mA, Max = 570 mV/mA
IVC Slope @ 4 mA, Min = 390 mV/mA, Max = 430 mV/mA
IVC Slope @ 5 mA, Min = 315 mV/mA
IVC Slope @ 6 mA, Min = 260 mV/mA
Temperature Sensor Slope Error, Type = ±120 μV/C
Comparator Input Offset Voltage, Min = –10 mV, Max = 10 mV
5.
Updated and clarified RTC timer clock output. The RTC output is now referred to as
"RTC0TCLK".
6.
Pin Definitions and Packaging Information: Renamed RTC0OSC_OUT function to RTC0TCLK_OUT
for consistency.
SiM3U167-B-GDI Datasheet Changes:
1.
Updated front page with block diagram, to match standard device data sheet.
2.
Changed “RTC0OSC_OUT” pin function to “RTC0TCLK_OUT” to match standard device data
sheet.
SiM3U1xx/SiM3C1xx Reference Manual Changes:
1. Typographical and content corrections and clarification throughout.
2. Updated and clarified RTC timer clock output. The RTC output is now referred to as
"RTC0TCLK".



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com