Electronic Components Datasheet Search
  English  ▼

X  

LM4916 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4916 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4916 Datasheet HTML 1Page - National Semiconductor (TI) LM4916 Datasheet HTML 2Page - National Semiconductor (TI) LM4916 Datasheet HTML 3Page - National Semiconductor (TI) LM4916 Datasheet HTML 4Page - National Semiconductor (TI) LM4916 Datasheet HTML 5Page - National Semiconductor (TI) LM4916 Datasheet HTML 6Page - National Semiconductor (TI) LM4916 Datasheet HTML 7Page - National Semiconductor (TI) LM4916 Datasheet HTML 8Page - National Semiconductor (TI) LM4916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
3.6V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 2)
Internally limited
ESD Susceptibility(Note 3)
2000V
ESD Susceptibility (Note 4)
200V
Junction Temperature
150˚C
Solder Information
Small Outline Package Vapor
Phase (60sec)
215˚C
Infrared (15 sec)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliablilty” for other methods of soldering
surface mount devices.
Thermal Resistance
θ
JA (typ) MUB10A
175˚C/W
θ
JA (typ) LDA10A
73˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage (Note 10)
0.9V
≤ V
DD
≤ 2.5V
Electrical Characteristics for the LM4916 (Notes 1, 5)
The following specifications apply for the circuit shown in Figure 4 operating with V
DD = 1. 5V, unless otherwise
specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4916
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage (Notes 10, 11)
0.9
V (min)
2.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, RL = ∞ (Note 8)
1.0
1.4
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND
0.02
µA (max)
V
OS
Output Offset Voltage
BTL
5
50
mV (max)
P
O
Output Power (Note 9)
f = 1kHz
R
L =8
Ω BTL, THD+N = 1%
85
70
mW (min)
R
L =16
Ω SE, THD+N = 1%
14
mW
THD+N
Total Harmonic Distortion + Noise
R
L =8
Ω, BTL, P
O = 25mW, f = 1kHz
0.1
0.5
%
R
L =16
Ω, SE, P
O = 5mW, f = 1kHz
0.2
V
NO
Output Voltage Noise
20Hz to 20kHz, A-weighted
10
µV
RMS
I
MUTE
Mute Current
V
MUTE =0,SE
15
µA
Crosstalk
R
L =16
Ω, SE
55
dB (min)
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVP-P
C
BYPASS = 4.7µF, RL =8
Ω
f = 1kHz, BTL
62
dB
V
RIPPLE = 200mVP-P sine wave
C
BYPASS = 4.7µF, RL =16
Ω
f = 1kHz, SE
66
dB (min)
V
IH
Control Logic High
0.7
V (min)
V
IL
Control Logic Low
0.3
V (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: The maximum power dissipation is dictated by TJMAX, θJA, and the ambient temperature TA and must be derated at elevated temperatures. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA. For the LM4916, TJMAX = 150˚C. For the θJAs, please see the Application Information section or the
Absolute Maximum Ratings section.
Note 3: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 4: Machine model, 220pF–240pF discharged through all pins.
Note 5: All voltages are measured with respect to the ground (GND) pins unless otherwise specified.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 9: Output power is measured at the device terminals.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com