Electronic Components Datasheet Search
  English  ▼

X  

LM4916 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4916 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4916 Datasheet HTML 1Page - National Semiconductor (TI) LM4916 Datasheet HTML 2Page - National Semiconductor (TI) LM4916 Datasheet HTML 3Page - National Semiconductor (TI) LM4916 Datasheet HTML 4Page - National Semiconductor (TI) LM4916 Datasheet HTML 5Page - National Semiconductor (TI) LM4916 Datasheet HTML 6Page - National Semiconductor (TI) LM4916 Datasheet HTML 7Page - National Semiconductor (TI) LM4916 Datasheet HTML 8Page - National Semiconductor (TI) LM4916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4916
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone
Audio Amplifier
General Description
The unity gain stable LM4916 is both a mono differential
output (for bridge-tied loads or BTL) audio power amplifier
and a Single Ended (SE) stereo headphone amplifier. Oper-
ating on a single 1.5V supply, the mono BTL mode delivers
85mW into an 8
Ω load at 1% THD+N. In Single Ended stereo
headphone mode, the amplifier delivers 14mW per channel
into a 16
Ω load at 1% THD+N.
With the LM4916 packaged in the MM and LLP packages,
the customer benefits include low profile and small size.
These packages minimize PCB area and maximizes output
power.
The LM4916 features circuitry that reduces output transients
("clicks" and "pops") during device turn-on and turn-off, an
externally controlled, low-power consumption, active-low
shutdown mode, and thermal shutdown. Boomer audio
power amplifiers are designed specifically to use few exter-
nal components and provide high quality output power in a
surface mount package.
Key Specifications
n
Mono-BTL output power
n
(R
L =8
Ω,V
DD = 1.5V, THD+N = 1%)
85mW (typ)
n
Stereo Headphone output power
n
(R
L =16
Ω,V
DD = 1.5V, THD+N = 1%)
14mW (typ)
n
Micropower shutdown current
0.02µA (typ)
n
Supply voltage operating range
0.9V < V
DD < 2.5V
n
PSRR 1kHz, V
DD = 1.5V
66dB (typ)
Features
n
Single-cell 0.9V to 2.5V battery operation
n
BTL mode for mono speaker
n
Single ended headphone operation with coupling
capacitors
n
Unity-gain stable
n
"Click and pop" suppression circuitry
n
Active low micropower shutdown
n
Low current, active-low mute mode
n
Thermal shutdown protection circuitry
Applications
n
Portable one-cell audio products
n
Portable one-cell electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20048701
FIGURE 1. Block Diagram
July 2003
© 2003 National Semiconductor Corporation
DS200487
www.national.com


Similar Part No. - LM4916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916 TI2-LM4916 Datasheet
960Kb / 26P
LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
REVISED MAY 2013
LM4916LD/NOPB TI1-LM4916LD/NOPB Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916LD/NOPB TI2-LM4916LD/NOPB Datasheet
960Kb / 26P
LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
REVISED MAY 2013
LM4916LD/NOPB.A TI2-LM4916LD/NOPB.A Datasheet
960Kb / 26P
LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
REVISED MAY 2013
More results

Similar Description - LM4916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
3 W mono BTL audio output amplifier
May 1992
logo
Toshiba Semiconductor
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
STEREO HEADPHONE AMPLIFIER (1.5V USE)
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
1.5V STEREO HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
1.5V Stereo Headphone Amplifier
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
National Semiconductor ...
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com