Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 3Page - Silicon Laboratories Si511 Datasheet HTML 4Page - Silicon Laboratories Si511 Datasheet HTML 5Page - Silicon Laboratories Si511 Datasheet HTML 6Page - Silicon Laboratories Si511 Datasheet HTML 7Page - Silicon Laboratories Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Si511 Datasheet HTML 10Page - Silicon Laboratories Si511 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Si510/511
Rev. 1.2
7
Table 4. Output Clock Jitter and Phase Noise (LVPECL)
VDD = 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = LVPECL
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Period Jitter
(RMS)
JPRMS
10k samples1
——
1.3
ps
Period Jitter
(Pk-Pk)
JPPKPK
10k samples1
——
11
ps
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth2 (brickwall)
—0.31
0.5
ps
12 kHz to 20 MHz integration band-
width2 (brickwall)
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN100 Hz
—
–86
—
dBc/Hz
1 kHz
—
–109
—
dBc/Hz
10 kHz
—
–116
—
dBc/Hz
100 kHz
—
–123
—
dBc/Hz
1 MHz
—
–136
—
dBc/Hz
Additive RMS
Jitter Due to
External Power
Supply Noise3
JPSR
10 kHz sinusoidal noise
—
3.0
—
ps
100 kHz sinusoidal noise
—
3.5
—
ps
500 kHz sinusoidal noise
—
3.5
—
ps
1 MHz sinusoidal noise
—
3.5
—
ps
Spurious
SPR
LVPECL output, 156.25 MHz,
offset>10 kHz
—–75
—
dBc
Notes:
1.
Applies to output frequencies: 74.17582, 74.25, 75, 77.76, 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25,
212.5, 250 MHz.
2.
Applies to output frequencies: 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25, 212.5 and 250 MHz.
3.
156.25 MHz. Increase in jitter on output clock due to sinewave noise added to VDD (2.5/3.3 V = 100 mVPP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com