Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 7Page - Silicon Laboratories Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Si511 Datasheet HTML 10Page - Silicon Laboratories Si511 Datasheet HTML 11Page - Silicon Laboratories Si511 Datasheet HTML 12Page - Silicon Laboratories Si511 Datasheet HTML 13Page - Silicon Laboratories Si511 Datasheet HTML 14Page - Silicon Laboratories Si511 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Si510/511
Rev. 1.2
11
Table 9. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
JA
Still air
110
°C/W
Table 10. Absolute Maximum Ratings1
Parameter
Symbol
Rating
Unit
Maximum Operating Temperature
TAMAX
85
oC
Storage Temperature
TS
–55 to +125
oC
Supply Voltage
VDD
–0.5 to +3.8
V
Input Voltage (any input pin)
VI
–0.5 to VDD + 0.3
V
ESD Sensitivity (HBM, per JESD22-A114)
HBM
2
kV
Soldering Temperature (Pb-free profile)2
TPEAK
260
oC
Soldering Temperature Time at TPEAK (Pb-free profile)2
TP
20–40
sec
Notes:
1.
Stresses beyond those listed in this table may cause permanent damage to the device. Functional operation or
specification compliance is not implied at these conditions. Exposure to maximum rating conditions for extended
periods may affect device reliability.
2.
The device is compliant with JEDEC J-STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com