Electronic Components Datasheet Search
  English  ▼

X  

SI596 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI596
Description  Pb-free/RoHS-compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI596 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI596 Datasheet HTML 1Page - Silicon Laboratories SI596 Datasheet HTML 2Page - Silicon Laboratories SI596 Datasheet HTML 3Page - Silicon Laboratories SI596 Datasheet HTML 4Page - Silicon Laboratories SI596 Datasheet HTML 5Page - Silicon Laboratories SI596 Datasheet HTML 6Page - Silicon Laboratories SI596 Datasheet HTML 7Page - Silicon Laboratories SI596 Datasheet HTML 8Page - Silicon Laboratories SI596 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Si596
Rev. 1.0
3
Table 3. CLK± Output Frequency Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Nominal Frequency1,2,3
fO
LVDS/CML/LVPECL
10
—
810
MHz
CMOS
10
—
160
Temperature Stability1,4
TA = –40 to +85 ºC
–20
–50
—
—
+20
+50
ppm
Absolute Pull Range1,4
APR
±10
—
±370
ppm
Power up Time5
tOSC
——
10
ms
Settling Time After FS Change
TFRQ
——
10
ms
Notes:
1. See Section 3. "Ordering Information" on page 7 for further details.
2. Specified at time of order by part number.
3. Nominal output frequency set by VCNOM =VDD/2.
4. Selectable parameter specified by part number.
5. Time from power up or tristate mode to fO.
Table 4. CLK± Output Levels and Symmetry
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
LVPECL Output Option1
VO
mid-level
VDD – 1.42
—
VDD – 1.25
V
VOD
swing (diff)
1.1
—
1.9
VPP
VSE
swing (single-ended)
0.55
—
0.95
VPP
LVDS Output Option2
VO
mid-level
1.125
1.20
1.275
V
VOD
swing (diff)
0.5
0.7
0.9
VPP
CML Output Option2
VO
2.5/3.3 V option mid-level
—
VDD – 1.30
—
V
1.8 V option mid-level
—
VDD – 0.36
—
VOD
2.5/3.3 V option swing (diff)
1.10
1.50
1.90
VPP
1.8 V option swing (diff)
0.35
0.425
0.50
CMOS Output Option3
VOH
0.8 x VDD
—
VDD
V
VOL
——
0.4
Rise/Fall time (20/80%)
tR, tF
LVPECL/LVDS/CML
—
—
350
ps
CMOS with CL =15pF
—
2
—
ns
Symmetry (duty cycle)
SYM
LVPECL:
VDD – 1.3 V (diff)
LVDS:
1.25 V (diff)
CMOS:
VDD/2
45
—
55
%
Notes:
1. 50
 to V
DD – 2.0 V.
2. Rterm = 100  (differential).
3. CL = 15 pF. Sinking or sourcing 12 mA for VDD = 3.3V, 6mA for VDD = 2.5V, 3mA for VDD = 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com