Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TMX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2364TMX Datasheet HTML 1Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 2Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 3Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 4Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 5Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 6Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 7Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 8Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Pin Descriptions
Pin Number
Pin
Description
TSSOP
SLE
2
1
VccRF
RF PLL power supply voltage input. Must be equal to V
VccIF. May range from 2.7V to
5.5V. Bypass capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
3
2
VcpRF
Power supply for RF charge pump. Must be
≥ V
VccRF and VVccIF.
4
3
CPoutRF
RF charge pump output.
5
4
GND
Ground for RF PLL digital circuitry.
6
5
FinRF
RF prescaler input. Small signal input from the VCO.
7
6
FinRF*
RF prescaler complementary input. For single-ended operation, a bypass capacitor
should be placed as close as possible to this pin and be connected directly to the
ground plane.
8
7
GND
Ground for RF PLL analog circuitry.
9
8
OSCinRF
RF R counter input. Has a V
CC/2 input threshold when configured as an input and can
be driven from an external CMOS or TTL logic gate.
10
9
OSCinIF
Oscillator input which can be configured to drive both the IF and RF R counter inputs
or only the IF R counter depending on the state of the OSC programming bit.
11
10
Ftest/LD
Programmable multiplexed output pin. Can function as general purpose CMOS
TRI-STATE® I/O, analog lock detect output, digital filtered lock detect output, orN&R
divider output.
12
11
ENRF
RF PLL Enable. Powers down RF N and R counters, prescaler, and TRI-STATE
charge pump output when LOW, regardless of the state RF_PD bit. Bringing ENRF
high powers up RF PLL depending on the state of RF_PD control bit.
13
12
ENIF
IF PLL Enable. Powers down IF N and R counters, prescaler, and will TRI-STATE the
charge pump output when LOW, regardless of the state IF_PD bit. Bringing ENIF high
powers up IF PLL depending on the state of IF_PD control bit.
14
13
CLK
High impedance CMOS Clock input. Data for the control registers is clocked into the
24-bit shift register on the rising edge.
15
14
DATA
Binary serial data input. Data entered MSB first. The last three bits are the control
bits. High impedance CMOS input.
16
15
LE
Latch enable. High impedance CMOS input. Data stored in the shift register is loaded
into one of the 7 internal latches when LE goes HIGH.
17
16
GND
Ground for IF analog circuitry.
18
17
FinIF*
IF prescaler complementary input. For single-ended operation, a bypass capacitor
should be placed as close as possible to this pin and be connected directly to the
ground.
19
18
FinIF
IF prescaler input. Small signal input from the VCO.
20
19
GND
Ground for IF digital circuitry.
21
20
CPoutIF
IF charge pump output.
22
21
VcpIF
Power supply for IF charge pump. Must be
≥ V
VccRF and VVccIF.
23
22
VccIF
IF power supply voltage input. Must be equal to V
VccRF. Input may range from 2.7V to
5.5V. Bypass capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
24
23
FLoutIF
IF FastLock Output. Also functions as Programmable TRI-STATE CMOS output.
1
24
FLoutRF
RF FastLock Output. Also functions as Programmable TRI-STATE CMOS output.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com