Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TMX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2364TMX Datasheet HTML 10Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 11Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 12Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 13Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 14Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 15Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 16Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 17Page - National Semiconductor (TI) LMX2364TMX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Input Impedance: FinIF Pin
CSP Package
TSSOP Package
20050657
20050654
FinIF Input Impedance (ohms)
Frequency (MHz)
CSP Package
TSSOP Package
Real
Imaginary
Real
Imaginary
100
504
-279
505
-222
200
374
-280
414
-205
300
283
-270
349
-198
400
222
-250
295
-194
500
179
-230
243
-190
600
150
-209
190
-183
700
129
-193
141
-168
800
112
-176
110
-151
900
99
-163
86
-138
1000
98
-151
72
-125
1100
82
-140
65
-118
1200
76
-131
64
-116
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com