Electronic Components Datasheet Search
  English  ▼

X  

LP3943ISQ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943ISQ
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943ISQ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3943ISQ Datasheet HTML 5Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 6Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 7Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 8Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 9Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 10Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 11Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 12Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Notes (Continued)
Address 0x05 (PWM1)
Bit #
76543210
Default value
10000000
PWM1 register determines the duty cycle of DIM1. The LED outputs are LOW (LED on) when the count is less than the value in PWM1 and HIGH (LED off) when
it is greater. If PWM1 is programmed with 0x00, LED output is always HIGH (LED off).
The duty cycle of DIM1 is: PWM1/256
Default value is 50% duty cycle.
BINARY FORMAT FOR SELECTOR REGISTERS — ADDRESS 0x06 to 0x09
Address 0x06 (LS0)
Bit #
76543210
Default value
00000000
B1
B0
B1
B0
B1
B0
B1
B0
LED3
LED2
LED1
LED0
Address 0x07 (LS1)
Bit #
76543210
Default value
00000000
B1
B0
B1
B0
B1
B0
B1
B0
LED7
LED6
LED5
LED4
Address 0x08 (LS2)
Bit #
7
6
5
4
3210
Default value
0
0
0
0
0000
B1
B0
B1
B0
B1
B0
B1
B0
LED11
LED10
LED9
LED8
Address 0x09 (LS3)
Bit #
76543210
Default value
00000000
B1
B0
B1
B0
B1
B0
B1
B0
LED15
LED14
LED13
LED12
LED States With Respect To Values in "B1" and "B0"
B1
B0
Function
0
0
Output Hi-Z
(LED off)
0
1
Output LOW
(LED on)
1
0
Output dims
(DIM0 rate)
1
1
Output dims
(DIM1 rate)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com