Electronic Components Datasheet Search
  English  ▼

X  

LP3943ISQ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943ISQ
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943ISQ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3943ISQ Datasheet HTML 5Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 6Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 7Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 8Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 9Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 10Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 11Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 12Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Notes (Continued)
Programming Example:
Dim LEDs 0 to 7 at 1 Hz at 25% duty cycle
Dim LEDs 8 to 12 at 5 Hz at 50% duty cycle
Set LEDs 13, 14 and 15 off
Step 1: Set PSC0 to achieve DIM0 of 1s
Step 2: Set PWM0 duty cycle to 25%
Step 3: Set PSC1 to achieve DIM1 of 0.2s
Step 4: Set PWM1 duty cycle to 50%
Step 5: Set LEDs 13, 14 and 15 off by loading the data into LS3 register
Step 6: Set LEDs 0 to 7 to point to DIM0
Step 7: Set LEDs 8 to 12 to point to DIM1
Step
Description
Register Name
Set to (Hex)
1
Set DIM0 = 1s
1 = (PSC0 + 1)/160
PSC0 = 159
PSC0
0x09F
2
Set duty cycle to 25%
Duty Cycle = PWM0/256
PWM0 = 64
PWM0
0x40
3
Set DIM1 = 0.2s
0.2 = (PSC1 + 1)/160
PSC1 = 31
PSC1
0x1F
4
Set duty cycle to 50%
Duty Cycle = PWM1/256
PWM1 = 128
PWM1
0x80
5
LEDs 13, 14 and 15 off
Output = HIGH
LS3
0x03
6
LEDs0to7
Output = DIM0
LS0, LS1
LS0 = 0xAA
LS1 = 0xAA
7
LEDs8to12
Output = DIM1
LS2, LS3
LS2 = 0xFF
LS3 = 0x03
REDUCING I
Q WHEN LEDS ARE OFF
In many applications, the LEDs and the LP3943 share the
same V
DD, as shown in Section Typical Application Circuit.
When the LEDs are off, the LED pins are at a lower potential
than V
DD, causing extra supply current (
∆I
Q). To minimize
this current, consider keeping the LED pins at a voltage
equal to or greater than V
DD.
20079614
FIGURE 9. Methods to Reduce I
Q When LEDs Are Off
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com