Electronic Components Datasheet Search
  English  ▼

X  

HCPL261A Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL261A
Description  遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL261A Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL261A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
6 − 138
HCPL-261A/061A/061N/063A/063N/261N/263A/263N
820
Ω
1
3
2
4
VCC
74HC00
(OR ANY
OPEN-COLLECTOR/
OPEN-DRAIN
LOGIC GATE)
HCPL-261X
LED
750
Ω
1
3
2
4
VCC
74HC04
(OR ANY
TOTEM-POLE
OUTPUT LOGIC
GATE)
HCPL-261A/261N
1N4148
LED
50%
1.5 V
I F
VO
50%
I F
VO
tPSK
1.5 V
TPHL
TPLH
420
Ω
(MAX)
1
3
2
4
2N3906
(ANY PNP)
VCC
74L504
(ANY
TTL/CMOS
GATE)
HCPL-261X
LED
74LS04
図21.TLLインタフェース回路
図23.CMOSゲートドライブ回路
図24.伝達遅延スキュー
表1.コモンモードパルスの LED 電流への影響
dVCM/dt
   ILP
   ILN
|ILP |< |ILN |のとき
|ILP |> |ILN |のとき
+のとき
CLA へ LED 側(アノード)
CLC を通して LED 側
増加
減少
から流れる ILP
(カソード)から流れる ILN
−のとき
CLA へ LED 側(アノード)
CLC から LED 側
減少
増加
から流れる ILP
(カソード)へ流れる ILN
図22.TTLオープンコレクタ/オープンドレインゲート
ドライブ回路
6章118-160(PDF用)
01.5.24, 4:26 PM
Page 138
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com