Electronic Components Datasheet Search
  English  ▼

X  

CTR24 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CTR24
Description  Display : 8-digit LCD, height 8 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CTR24 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CTR24 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Start/Stop input Transistor PNP
No
Legend
NC
Start/Stop input
Reset input 100 ms
Enable panel reset
Mode 1 (Time selection)
0 V common/ (BL- only 23xx)
Mode 2 (Time selection)
Backlighting option + 24 VDC (only 2323)
Connections
2223-2323
Connections
2223-2323
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com