Electronic Components Datasheet Search
  English  ▼

X  

CTR24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTR24
Description  Display : 8-digit LCD, height 8 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CTR24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTR24 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTR24 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
24 x 48 Hour CTR24 non-backlit model Part number 87622161
Display : 8-digit LCD, height 8 mm
Built-
in module for voltage inputs 10 →260 VAC/DC (2224-2324)
4 timing ranges : 99,999.99 hrs - 99,999.59 hrs - 999,999.9 s - 9,999 hrs 59 min 59 s
Powered by a lithium battery, service life 8 years
Reset on panel or external with inhibition option
Backlit model (2323-2333-2324)
Accessories for 50 x 25 mm cut-out
Part numbers
Specifications
Type
Type
Functions
87622161
CTR24 non-backlit model
2223
Hour counter, solid state input PNP
Physical details and protection
Consumption
Backlighting : 24 VDC± 20 % 50 mA
Connection by 8 screw terminals at rear of casing
Connection capacity
1,5 mm
2
Fixed using bracket
Degree of protection front face
IP 65
Temperature limits use (°C)
-
10 →+60
Temperature limits stored (°C)
-
20 →+70
Breakdown voltage
EN 610110-1 : 2000 V / 50 Hz / 1 min.
Conformity to standards
EN 61000-6-2 - EN 55011 class B
Altitude
2000 m
Certifications
UL - cULus (pending) - CE
Weight (g)
50
Operating characteristics
Function
Hour counter
Display
8-digit LCD
Height digits (mm)
8
Time ranges
0 →99 999.99 h
0 →99 999.59 h
0 →9 999 999.9 s
0 →9 999 h 59 min 59 s
Time base : Crystal controlled (Accuracy ± 100)
Input 2223-2323
Start/stop input
by PNP or dry contact (terminals 2-6)
Low level
0 →0,7 VDC
High level
4 →30 VDC PNP
Min time closed
> 100 ms
Input impedance
100 k
Ω PNP
Input 2233-2333
Start/stop input
by PNP or dry contact (terminals 2-6)
Low level
0 →0,7 VDC
High level
3 →30 VDC
Minimum time closed
> 100 ms
Input impedance
1 M
Ω
Reset to zero - External 2223-2323 & 2233-2333
Volt-free contact or open collector (terminals 3-6)
Minimum time closed
50 ms
Input 2224-2324
One start/stop input Two voltage levels (terminals 3-6)
Voltage - Terminals 1-2
10 →260 VAC/DC
Input impedance
160 K
Ω
Minimum pulse time DC
100 ms
Minimum pulse time AC
100 ms
Low level
0 →2 VAC/DC
High level
10 →260 VAC/DC
Reset to zero - External 2224-2324
Voltage - Terminals 2-3
Minimum pulse time
16 ms
Low level
0 →2 VAC/DC
High level
10 →260 VAC/DC
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com


Similar Part No. - CTR24

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTR214-8L CTMICRO-CTR214-8L Datasheet
1Mb / 13P
8-Pin DMC-Isolator® PhotoMOS Relays
Rev.1 Oct, 2022
CTR214-M4 CTMICRO-CTR214-M4 Datasheet
1Mb / 11P
4-Pin Mini-Flat DMC-Isolator® PhotoMOS Relays
Rev.3 Oct, 2022
CTR215-M4 CTMICRO-CTR215-M4 Datasheet
1Mb / 11P
4-Pin Mini-Flat DMC-Isolator® PhotoMOS Relays
Rev.2 Sep, 2022
More results

Similar Description - CTR24

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
8/10 DIGIT LCD DRIVER
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
List of Unclassifed Man...
BT11608 ETC-BT11608 Datasheet
73Kb / 1P
8 mm Character Height LCD Modules - MACRO LINE
BT42008 ETC-BT42008 Datasheet
89Kb / 1P
8 mm Character Height LCD Modules - MACRO LINE
logo
Marktech Corporate
MTN7180M-AUR MARKTECH-MTN7180M-AUR Datasheet
35Kb / 1P
.8 Single Digit Display
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
List of Unclassifed Man...
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
87622161 ETC2-87622161 Datasheet
351Kb / 10P
Display : 8-digit LCD, height 8 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com