Electronic Components Datasheet Search
  English  ▼

X  

DLO1414 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # DLO1414
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLO1414 Datasheet(HTML) 3 Page - OSRAM GmbH

  DLO1414 Datasheet HTML 1Page - OSRAM GmbH DLO1414 Datasheet HTML 2Page - OSRAM GmbH DLO1414 Datasheet HTML 3Page - OSRAM GmbH DLO1414 Datasheet HTML 4Page - OSRAM GmbH DLO1414 Datasheet HTML 5Page - OSRAM GmbH DLO1414 Datasheet HTML 6Page - OSRAM GmbH DLO1414 Datasheet HTML 7Page - OSRAM GmbH DLO1414 Datasheet HTML 8Page - OSRAM GmbH DLO1414 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DLR1414, DLO1414, DLG1414
2006-01-23
3
Maximum Ratings
Parameter
Symbol
Value
Unit
Operating temperature range
T
op
– 40 … + 85
°C
Storage temperature range
T
stg
– 40 … + 100
°C
DC supply voltage
– 0.5 … + 7.0
V
Input voltage levels relative to GND (all inputs)
– 0.5 to V
CC + 0.5
V
Solder temperature 0.063“ (1.59 mm)
below seating plane, t < 5.0 s
T
s
260
°C
Relative humidity at 85°C
RH
85
%
Characteristics
(
T
A = 25 °C)
Parameter
Symbol
Values
Unit
red
high
efficiency
red
green
Wavelength at peak emission
(typ.)
I
F = 0 mA
λ
peak
660
630
565
nm
Viewing angle (off normal axis
)
hor. (typ.)
ver. (typ.)
2
ϕ
±
50
±
75
±
50
±
75
±
50
±
75
deg
deg.
Character Height
h
0.145
3.7
0.145
3.7
0.145
3.7
inch
mm
Time averaged luminous intensity
1)
(typ.)
(100% brightness,
V
CC = 5.0 V)
1)
Peak luminous intensity values can be calculated by multiplying these values by 7.
50
60
70
µcd/LED
LED to LED intensity matching
(max.)
1.8:1.0
1.8:1.0
1.8:1.0
LED to LED hue matching at
V
CC = 5.0 V
(max.)
±
2.0
nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com