Electronic Components Datasheet Search
  English  ▼

X  

DLO1414 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DLO1414
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLO1414 Datasheet(HTML) 4 Page - OSRAM GmbH

  DLO1414 Datasheet HTML 1Page - OSRAM GmbH DLO1414 Datasheet HTML 2Page - OSRAM GmbH DLO1414 Datasheet HTML 3Page - OSRAM GmbH DLO1414 Datasheet HTML 4Page - OSRAM GmbH DLO1414 Datasheet HTML 5Page - OSRAM GmbH DLO1414 Datasheet HTML 6Page - OSRAM GmbH DLO1414 Datasheet HTML 7Page - OSRAM GmbH DLO1414 Datasheet HTML 8Page - OSRAM GmbH DLO1414 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2006-01-23
4
DLR1414, DLO1414, DLG1414
Top View
DC Characteristics
Parameter
–40°C
+25°C
+85°C
Unit
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
I
CC 4 Digits
on 20
dots/digit
—
90
120
—
80
105
—
70
95
mA
V
CC=5.0 V
I
CC Blank
—
2.8
4.0
—
2.3
3.0
—
2.0
2.5
mA
V
CC=5.0 V,
WR=5.0 V
V
IN=0 V
I
IL (all
inputs)
30
60
120
25
50
100
20
40
80
µA
V
IN=0.8 V,
V
CC=5.0 V
V
IH
2.0
—
—
2.0
—
—
2.0
—
—
V
V
CC=5.0 V
±0.5 V
V
IL
—
—
0.8
—
—
0.8
—
—
0.8
V
V
CC=5.0 V
±0.5 V
V
CC
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
V
—
Pins and Functions
Pin
Function
Pin
Function
Pin
Function
1
D5 Data Input
5
A0 Digit Select
9
D1 Data Input
2
D4 Data Input
6
V
CC
10
D2 Data Input
3
WR Write
7
GND
11
D3 Data Input
4
A1 Digit Select
8
D0 Data Input (LSB)
12
D6 Data Input (MSB)
IDPA5301
Digit 3 Digit 2 Digit 1 Digit 0
16
2345
10
12
11
9
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com