Electronic Components Datasheet Search
  English  ▼

X  

SFH4059SR Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4059SR
Description  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059SR Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH4059SR Datasheet HTML 3Page - OSRAM GmbH SFH4059SR Datasheet HTML 4Page - OSRAM GmbH SFH4059SR Datasheet HTML 5Page - OSRAM GmbH SFH4059SR Datasheet HTML 6Page - OSRAM GmbH SFH4059SR Datasheet HTML 7Page - OSRAM GmbH SFH4059SR Datasheet HTML 8Page - OSRAM GmbH SFH4059SR Datasheet HTML 9Page - OSRAM GmbH SFH4059SR Datasheet HTML 10Page - OSRAM GmbH SFH4059SR Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Version 1.0
SFH 4059SR
2014-10-28
7
Radiation Characteristics 3) page 12
Abstrahlcharakteristik 3) Seite 12
Irel = f(ϕ), TA= 25°C
Package Outline
Maßzeichnung
Dimensions in mm. / Maße in mm.
OHF04536
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com