Electronic Components Datasheet Search
  English  ▼

X  

SFH4059SR Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4059SR
Description  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059SR Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4059SR Datasheet HTML 2Page - OSRAM GmbH SFH4059SR Datasheet HTML 3Page - OSRAM GmbH SFH4059SR Datasheet HTML 4Page - OSRAM GmbH SFH4059SR Datasheet HTML 5Page - OSRAM GmbH SFH4059SR Datasheet HTML 6Page - OSRAM GmbH SFH4059SR Datasheet HTML 7Page - OSRAM GmbH SFH4059SR Datasheet HTML 8Page - OSRAM GmbH SFH4059SR Datasheet HTML 9Page - OSRAM GmbH SFH4059SR Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2014-10-28
6
Version 1.0
SFH 4059SR
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (TA), RthJA = 420K/W
Forward Current 3) page 12
Durchlassstrom 3) Seite 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TA = 85 °C, duty cycle D = parameter
0
0
˚C
T
IF
mA
OHF05588
A
20
40
60
80
100
5
10
15
20
25
30
35
40
45
55
2
I
OHF05562
F
VF
mA
V
10
2
3
10
1
10
0
10
3
4
5
2
1
0
-1
-2
-3
-4
-5
10
10
10
10
10
tp
10
10
s
10
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05589
1
0.5
0.01
0.05
0.1
0.2
0.02
0.005
D =
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.75
2
1
0
-1
-2
-3
-4
-5
10
10
10
10
10
tp
10
10
s
10
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05590
1
0.5
0.01
0.05
0.1
0.2
0.02
0.005
D =
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com